Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 12Page - Linear Technology LTC2876 Datasheet HTML 13Page - Linear Technology LTC2876 Datasheet HTML 14Page - Linear Technology LTC2876 Datasheet HTML 15Page - Linear Technology LTC2876 Datasheet HTML 16Page - Linear Technology LTC2876 Datasheet HTML 17Page - Linear Technology LTC2876 Datasheet HTML 18Page - Linear Technology LTC2876 Datasheet HTML 19Page - Linear Technology LTC2876 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC2876/LTC2877
16
28767fa
For more information www.linear.com/LTC2876
applicaTions inForMaTion
Driver Output Requirement Differences from RS485
The driver requirements for PROFIBUS are specified dif-
ferently than how the RS485 standard specifies them. A
key difference is the terminated driver output voltage, VOD,
as described below.
The PROFIBUS driver output levels are required to meet
the following condition as stated in the “Test Specification
for PROFIBUS DP Masters” and “Test Specification for
PROFIBUS DP Slaves”:
• The differential voltage between A- and B-line shall be
a minimum of 4V and a maximum of 7V, peak-to-peak
differential.
• This measurement shall be taken at the far end of the
cable in use, with termination at each end.
On the other hand, RS485 specifies the following:
• The differential voltage between A- and B-line shall be
a minimum of 1.5V and a maximum of 5V, peak dif-
ferential.
• This measurement shall be taken at the driver terminals
with a 54Ω resistor between A and B.
Clearly, these requirements are quite different. A common
misunderstandingisthatifanRS485driverdevelopsmore
than 2.1V across a 54Ω RS485 resistive load, then it will
meet PROFIBUS requirements when used with a PRO-
FIBUS termination network. This is not always the case.
Furthermore, the strength of the driver can be too high,
exceeding the upper limit of the PROFIBUS Specification
(7VP-P). The best way to ensure PROFIBUS compliance
is to test the device with a PROFIBUS load.
TheLTC2876andLTC2877aretestedwithaPROFIBUSload
and with extra resistance added to represent cable losses
for 100m and 200m to ensure they meet the PROFIBUS
VOD requirement. The devices are also fully tested with
RS485 loads to ensure they meet RS485 specifications.
See the Electrical Characteristics section for details.
DRIVER OPERATION
The driver is enabled when the LTC2876/LTC2877 is
powered up, DE is high, and there are no thermal faults.
The polarity of PB–PA follows that of DI. That is, when DI
is high, PB drives to a voltage that is greater than PA. If DI
is low, PA is higher than PB. When the driver is disabled
with DE low, both outputs are high impedance and the
overall pin resistance is dominated by the receiver inputs
sharing pins PA and PB.
DRIVER OVERVOLTAGE AND OVERCURRENT
PROTECTION
The driver outputs PA and PB are protected from short
circuits to any voltage within the absolute maximumrange
of –60V to +60V, with a maximum differential voltage
of –120V to +120V. The maximum short-circuit current
to any voltage within this range is ±250mA. The driver
includes a progressive foldback current limiting circuit
that continuously reduces the driver current limit with
increasing output short circuit voltage to better manage
power dissipation and heating effects.
The LTC2876/LTC2877 also features thermal shutdown
protection that disables the driver and receiver in case of
excessive power dissipation (see Note 3).
RECEIVER
The receiver provides full PROFIBUS and RS485 compat-
ibility. When enabled, the state of RO reflects the polarity
of (PB–PA). When the receiver is disabled, the output is
high impedance and RO weakly pulled high through an
internal 250k pull-up resistor.
High Receiver Input Resistance Permits 200 Nodes
The RS485 and PROFIBUS specifications allows for up to
32 receivers, each contributing one unit load, to be con-
nected together in one network. The input resistance of
the LTC2876/LTC2877 is guaranteed to be at least 6.25
times higher, and drawing proportionally less current,
than a standard RS485 load, permitting a total of 200
receivers per contiguous network. The input load of the
receiver is unaffected by enabling/disabling the receiver
or by powering/depowering the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com