Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 5Page - Linear Technology LTC2876 Datasheet HTML 6Page - Linear Technology LTC2876 Datasheet HTML 7Page - Linear Technology LTC2876 Datasheet HTML 8Page - Linear Technology LTC2876 Datasheet HTML 9Page - Linear Technology LTC2876 Datasheet HTML 10Page - Linear Technology LTC2876 Datasheet HTML 11Page - Linear Technology LTC2876 Datasheet HTML 12Page - Linear Technology LTC2876 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2876/LTC2877
9
28767fa
For more information www.linear.com/LTC2876
pin FuncTions
RO (Pin 1): Receiver Output. Supplied by VCC in the
LTC2876 or VL in the LTC2877. If the receiver is enabled
(RE low) and PB–PA > 200mV, then RO will be high. If
PB–PA<–200mV,thenROwillbelow.Ifthereceiverinputs
are open, shorted, or terminated without being driven for
more than about 1.5µs, RO will be high. Integrated 250k
pull-up resistor to supply.
RE(Pin2):ReceiverEnable.LogiclevelsdefinedbytheVCC
supply in the LTC2876 or the VL supply in the LTC2877.
A low input enables the receiver. A high input forces the
receiver output into a high impedance state. If RE is high
withDElow,thedeviceentersalowpowershutdownstate.
Integrated 500k pull-up resistor to supply.
DE (Pin 3): Driver Enable. Logic levels defined by the VCC
supply in the LTC2876 or the VL supply in the LTC2877.
A high input on DE enables the driver. A low input forces
the driver outputs into a high impedance state. If DE is
low with RE high, the device enters a low power shutdown
state. Integrated 500k pull-down resistor to ground.
DI (Pin 4): Driver Input. Logic levels defined by the VCC
supply in the LTC2876 or the VL supply in the LTC2877.
If the driver outputs are enabled (DE high), then a low on
DI drives a negative differential voltage between PB and
PA. A high on DI, with the driver outputs enabled, drives a
positivedifferentialvoltagebetweenPBandPA.Integrated
500k pull-up resistor to supply.
VL (NA/Pin 5): Logic supply: 1.65V ≤ VL ≤ VCC. Powers
RO, RE, DE, and DI on LTC2877 only. Bypass with 0.1µF
ceramic capacitor to GND.
GND (Pin 5, 9/Pin 6,11): Ground
NC (NA/Pin 7): Not Internally Connected.
PB (Pin 6/Pin 8): PROFIBUS B. Non-inverting receiver
input and non-inverting driver output. Connect this to
the B wire (positive) in a PROFIBUS network. In most
non-PROFIBUS applications, this should connect to the
A terminal. See the Applications Information section for
more information on A vs B naming conventions.
PA (Pin 7/Pin 9): PROFIBUS A. Inverting receiver input
and inverting driver output. Connect this to the A wire
(negative)inaPROFIBUSnetwork.Inmostnon-PROFIBUS
applications, this should connect to the B terminal. See
the Applications Information section for more information
on A vs B naming conventions.
VCC (Pin 8/Pin 10): Power Supply. 4.5V ≤ VCC ≤ 5.5V for
PROFIBUS and RS485 compliant applications; 3.0V ≤ VCC
≤ 5.5V for a wide range of usage. See 3.3V Operation in
the Applications Information section for details. Bypass
with 1µF ceramic capacitor to GND.
Exposed Pad (Pin 9/Pin 11): Must be connected to GND.
(LTC2876/LTC2877)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com