Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 22Page - Linear Technology LTC2876 Datasheet HTML 23Page - Linear Technology LTC2876 Datasheet HTML 24Page - Linear Technology LTC2876 Datasheet HTML 25Page - Linear Technology LTC2876 Datasheet HTML 26Page - Linear Technology LTC2876 Datasheet HTML 27Page - Linear Technology LTC2876 Datasheet HTML 28Page - Linear Technology LTC2876 Datasheet HTML 29Page - Linear Technology LTC2876 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC2876/LTC2877
26
28767fa
For more information www.linear.com/LTC2876
120
120
3V TO 5.5V
LTC2876/
LTC2877
PA
PB
VCC
3V TO 5.5V
A
B
3.3V OR 5V
RS485
NODE
28767 F19
Figure 20. LTC2876/LTC2877 Operation as Low as 3V is Compatible with Other RS485
Devices, but with Reduced Output Signal Swing
applicaTions inForMaTion
Figure 21. Exceptionally Robust, Low-Capacitance, ±30V Tolerant, ±4kV IEC 61000
Bus Protection Against Surge, EFT, and ESD. (See Auxiliary Protection for Surge,
EFT, and ESD in the Applications Information Section for More Details)
LTC2876/
LTC2877
PA
PB
PA
PB
TVS
TVS
TVS
28767 F21
TVS
TVS: LITTLEFUSE SACB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com