Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 24Page - Linear Technology LTC2876 Datasheet HTML 25Page - Linear Technology LTC2876 Datasheet HTML 26Page - Linear Technology LTC2876 Datasheet HTML 27Page - Linear Technology LTC2876 Datasheet HTML 28Page - Linear Technology LTC2876 Datasheet HTML 29Page - Linear Technology LTC2876 Datasheet HTML 30Page - Linear Technology LTC2876 Datasheet HTML 31Page - Linear Technology LTC2876 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2876/LTC2877
32
28767fa
For more information www.linear.com/LTC2876
LINEAR TECHNOLOGY CORPORATION 2016
LT 0816 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2876
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC2862/LTC2863/
LTC2864/LTC2865
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
±60V Tolerant, ±15kV ESD, 250kbps or 20Mbps
LTC2856/LTC2857/
LTC2858
5V 20Mbps and Slew Rate Limited 15kV RS485/RS422
Transceivers
±15kV ESD, 250kbps or 20Mbps
LTC2850/LTC2851/
LTC2852
3.3V 20Mbps RS485 Transceivers
±15kV ESD
LTC2854/LTC2855 3.3V 20Mbps RS485 Transceivers with Integrated Switchable
Termination
±25kV ESD (LTC2854), ±15kV ESD (LTC2855)
LTC2859, LTC2861 5V 20Mbps and Slew Rate Limited RS485 Transceivers
±15kV ESD
LTM2881
Complete 3.3V or 5V Isolated RS485 µModule Transceiver +
Power, and Switchable Integrated Termination Resistor
2500VRMS Isolation, with Integrated Isolated DC/DC Converter,
1W Power, Low EMI, ±15kV ESD, 30kV/µs Transient Immunity
LTM2892
3500VRMS 6-Channel Digital Isolator
3500VRMS Isolation in a Small Package with Temperature Ratings
Up to 125°C
390
390
28767 TA02
220
VCC2
VL2
ON2
EOUTA
OUTA
OUTB
OUTC
IND
INE
INF
GND2
VCC1
VL1
ON1
EOUTD
INA
INB
INC
OUTD
OUTE
OUTF
GND1
GND2
A6
A5
A4
B4
GND1
A1
A2
A3
B1
B2
B3
B5
B6
J6
J5
J4
J1
J2
J3
H3
H2
H1
H4
H5
H6
LTM2892-S
1
8
2
4
3
5
7
6
3V TO
5.5V
RO
DI
D R
1
2
3
4
ISOLATED
GROUND
M12
CONNECTOR
(FEMALE)
ISOLATED
5VIN
GND
DI
RE
RO
DE
PA
PB
LTC2876
VCC
3500VRMS Isolated PROFIBUS Node with Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com