Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 19Page - Linear Technology LTC2876 Datasheet HTML 20Page - Linear Technology LTC2876 Datasheet HTML 21Page - Linear Technology LTC2876 Datasheet HTML 22Page - Linear Technology LTC2876 Datasheet HTML 23Page - Linear Technology LTC2876 Datasheet HTML 24Page - Linear Technology LTC2876 Datasheet HTML 25Page - Linear Technology LTC2876 Datasheet HTML 26Page - Linear Technology LTC2876 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC2876/LTC2877
23
28767fa
For more information www.linear.com/LTC2876
5
6
3
8
1
2
4
7
9
1
2
3
5
5
4
1
4
3
2
28767 F16
M12 PLUG
M12 SOCKET
9-PIN D-SUB
Figure 17. Connector Pin Allocations
applicaTions inForMaTion
The D-sub connector is specified for use up to 12Mbps.
Inductors are often built into the cable connectors to
reduce unwanted ringing and reflections at data rates
above1.5Mbits/s.Cableconnectorsarealsoavailablewith
termination resistors that can be switched in/out.
Table 3. Pin Designation For D-Sub and M12 Connectors.
(Connections in Bold are Mandatory)
PIN NUMBER
CONNECTION
9-PIN D-Sub
M12
1, Case
Thread
Cable Shield
2
GND for 24V Supply
3
4
PB (B – Red Wire)
4
CNTR-P
(Repeater Direction Control)
5
3
GND for Bus Termination
6
1
VCC (+5V) for Bus Termination
7
+24V Supply
8
2
PA (A – Green Wire)
9
CNTR-N
(Repeater Direction Control)
5
Not Used
OPERATION IN RS485 AND RS422 SYSTEMS
The LTC2876 and LTC2877 are completely compatible
with standard RS485 and RS422 networks. In these in-
stallations, the PB pin should be treated as the A pin for
compatibility with most RS485 transceivers. Likewise, the
PA pin should be matched up with the B signal in RS485.
Further discussion about this can be found in section “Bus
Pins PA and PB Naming Convention.”
Twisted pair cables with characteristic impedance of 120Ω
or 100Ω can be used. Shielded cable is recommended
for the highest electromagnetic compatibility (EMC), but
unshielded cable like CAT-5e works well. Untwisted pair
cables (UTP) should be avoided. Both ends of a cable
should be terminated differentially with resistors that
match the cable’s impedance, as illustrated in Figure 10.
Sometimes bus biasing resistors are used for non-
PROFIBUS RS485 installations to introduce a high level
(IDLE state) on the bus when nothing is driving it. An
example of such a network is shown in Figure 181. Here
the three resistors (620Ω, 130Ω, and 620Ω) replace the
single 120Ω differential resistor in one location only.
MAXIMUM PROFIBUS CABLE LENGTH
The following table gives the maximum cable segment
lengths at PROFIBUS baud rates, as specified in IEC
61158-2:
Table 2. PROFIBUS Maximum Cable Length
BAUD RATE (kbits/s)
MAX. SEGMENT LENGTH (m)
9.6
1200
19.2
1200
45.45
1200
93.75
1200
187.5
1000
500
400
1500
200
3000
100
6000
100
12000
100
CONNECTORS
The PROFIBUS standard only specifies the use of a 9-pin
D-sub connector for stations and cables. A commonly
used alternative is the 5-pin “B-coded” M12 circular con-
nectors (IEC 947-5-2). In all cases, the female side of the
connector is located in the station, while the cable uses
the male end. Connector diagrams are shown in Figure 17
and pin designations are shown in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com