Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 5 Page - Linear Technology

  LTC2876 Datasheet HTML 1Page - Linear Technology LTC2876 Datasheet HTML 2Page - Linear Technology LTC2876 Datasheet HTML 3Page - Linear Technology LTC2876 Datasheet HTML 4Page - Linear Technology LTC2876 Datasheet HTML 5Page - Linear Technology LTC2876 Datasheet HTML 6Page - Linear Technology LTC2876 Datasheet HTML 7Page - Linear Technology LTC2876 Datasheet HTML 8Page - Linear Technology LTC2876 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2876/LTC2877
5
28767fa
For more information www.linear.com/LTC2876
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Short-Circuit Current
RE = Low, RO = 0V or VCC (LTC2876) or VL
(LTC2877)
l
±12
±20
mA
Logic
Low Level Input Voltage (DE, DI, RE)
LTC2876, 3.0 ≤ VCC ≤ 5.5V
l
0.25 • VCC
V
LTC2877, 1.65 ≤ VL ≤ 5.5V
l
0.25 • VL
V
High Level Input Voltage (DE, DI, RE)
LTC2876, 3.0 ≤ VCC ≤ 5.5V
l
0.75 • VCC
V
LTC2877, 1.65 ≤ VL ≤ 5.5V
l
0.75 • VL
V
Logic Input Current Low (DE)
DE = 0V
l
0
–5
µA
Logic Input Current Low (DI, RE)
DI or RE = 0V
l
–3
–10
–20
µA
Logic Input Current High (DE)
DE = VCC (LTC2876) or VL (LTC2877)
l
3
10
20
µA
Logic Input Current High (DI, RE)
(DI, RE) = VCC (LTC2876) or VL (LTC2877)
l
0
5
µA
ESD (Note 4)
ESD Protection Level of Interface Pins
(PA, PB)
Human Body Model to GND or VCC, or VL,
Powered or Unpowered
±26
kV
Human Body Model to GND, Unpowered
±52
kV
ESD Protection Level of All Other Pins
(DE, DI, RE, VCC, VL)
Human Body Model
±15
kV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fMAX
Maximum Data Rate
(Note 4)
l
20
Mbps
Driver
tPLHD, tPHLD
Driver Input to Output
VCC = 3.3V or 5V (Figure 5)
l
13
50
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
(Figure 5)
l
2
9
ns
tSKEWD
Driver Output PB to Output PA
(Figure 5)
l
±9
ns
tRD, tFD
Driver Rise or Fall Time
VCC = 3.3V or 5V (Figure 5)
l
4
15
ns
tZLD, tZHD,
tLZD, tHZD
Driver Enable or Disable Time
RE = 0V (Figure 6)
l
180
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RE = High (Figure 6)
l
15
µs
tSHDND
Time to Shutdown with DE
RE = High (Figure 6)
l
180
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
VCM = 2.25V, (PB–PA) = ±1.5V,
tR and tF < 4ns, VCC = 3.3V or 5V (Figure 7)
l
50
70
ns
ΔtPR
Receiver Input to Output Difference
|tPLHR – tPHLR|
(Figure 7)
l
2
14
ns
tRR, tFR
Receiver Output Rise or Fall Time
(Figure 7)
l
3
15
ns
tZLR, tZHR,
tLZR, tHZR
Receiver Enable/Disable Time
DE = High (Figure 8)
l
40
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
DE = 0V, (Figure 9)
l
9
µs
tSHDNR
Time to Shutdown with RE
DE = 0V, (Figure 9)
l
40
ns
swiTching characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com