Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 4 Page - Linear Technology

  LTC2876 Datasheet HTML 1Page - Linear Technology LTC2876 Datasheet HTML 2Page - Linear Technology LTC2876 Datasheet HTML 3Page - Linear Technology LTC2876 Datasheet HTML 4Page - Linear Technology LTC2876 Datasheet HTML 5Page - Linear Technology LTC2876 Datasheet HTML 6Page - Linear Technology LTC2876 Datasheet HTML 7Page - Linear Technology LTC2876 Datasheet HTML 8Page - Linear Technology LTC2876 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2876/LTC2877
4
28767fa
For more information www.linear.com/LTC2876
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
VOD(PP)
Differential Bus Output Voltage (B´–A´)
with PROFIBUS Load
PROFIBUS LOAD (Figure 1)
RCABLE = 0Ω, VCC = 4.5V to 5.5V
RCABLE = 5.5Ω, VCC = 4.5V to 5.5V
RCABLE = 11Ω, VCC = 4.75V to 5.5V
l
l
l
4
4
4
7
7
7
VP-P(DIFF)
VP-P(DIFF)
VP-P(DIFF)
VBPP-APP
Single-Ended Bus Output Amplitude
Difference (B´PP – A´PP)
All of the Conditions Above
l
0.5
V
VBPP+APP
Single-Ended Bus Output Amplitude
Sum |B´PP + A´PP|
All of the Conditions Above
l
4
V
|VOD(485)|
RS485 Differential Driver Output
Voltage, in Either Logic State
Figure 2 with No Load
l
VCC
V
RL = 27Ω,VCC = 4.5V to 5.5V (Figure 2)
l
1.5
3.4
V
RL = 27Ω,VCC = 3.0V to 3.6V (Figure 2)
l
0.8
1.8
V
|VOD(422)|
RS422 Differential Driver Output
Voltage, Either Logic State
Figure 2 with No Load
l
VCC
V
RL = 50Ω,VCC = 4.5V to 5.5V (Figure 2)
l
2
4
V
RL = 50Ω,VCC = 3.0V to 3.6V (Figure 2)
l
1
2
V
Δ|VOD(485)|,
Δ|VOD(422)|
RS485, RS422 Change in Magnitude of
Driver Differential Output Voltage
RL = 27Ω (RS485) or
RL = 50Ω (RS422) (Figure 2)
l
0.2
V
VOC(485),
VOC(422)
RS485, RS422 Driver Common-Mode
Output Voltage
RL = 27Ω (RS485) or
RL = 50Ω (RS422) (Figure 2)
l
3
V
Δ|VOC(485)|,
Δ|VOC(422)|
RS485, RS422 Change in Magnitude of
Driver Common-Mode Output Voltage
RL = 27Ω (RS485) or
RL = 50Ω (RS422) (Figure 2)
l
0.2
V
IOSD
Maximum Driver Short-Circuit Current
–60V ≤ (PB or PA) ≤ 60V (Figure 3)
l
±150
±250
mA
Receiver
IIN
Input Current (PA, PB)
VCC = 0V or 5V, VBUS = 12V (Figure 4)
VCC = 0V or 5V, VBUS = –7V (Figure 4)
l
l
–100
160
µA
µA
RIN
Input Resistance
VBUS = –25V or 25V (Figure 4)
l
75
112
135
kΩ
VCM
Common Mode Input Voltage
(PA+PB)/2 for Data Reception
l
±25
V
VTS+
Differential Input Signal Threshold
Voltage (PB–PA) Rising
–25V ≤ VCM ≤ 25V, Edge Rates > 100mV/µs
(Note 5) (Figure 13)
l
50
120
200
mV
VTS–
Differential Input Signal Threshold
Voltage (PB–PA) Falling
–25V ≤ VCM ≤ 25V, Edge Rates > 100mV/µs
(Note 5) (Figure 13)
l
–50
–120
–200
mV
ΔVTS
Differential Input Signal Hysteresis
Edge Rates > 100mV/µs (Note 5) (Figure 13)
240
mV
VTFS+
Differential Input Failsafe Threshold
Voltage (PB–PA) Rising
–25V ≤ VCM ≤ 25V, DC Bus Voltages
(Figure 13)
l
–20
–75
–200
mV
VTFS–
Differential Input Failsafe Threshold
Voltage (PB–PA) Falling
–25V ≤ VCM ≤ 25V, DC Bus Voltages
(Figure 13)
l
–50
–120
–200
mV
ΔVTFS
Differential Input Failsafe Hysteresis
DC Bus Voltages (Figure 13)
45
mV
VOH
Receiver Output High Voltage
VCC ≥ 4.5V, I(RO) = –3mA (LTC2876)
VL ≥ 2.25V, I(RO) = –3mA (LTC2877)
VL < 2.25V, I(RO) = –2mA (LTC2877)
l
l
l
VCC – 0.4V
VL – 0.4V
VL – 0.4V
V
V
V
VOL
Receiver Output Low Voltage
VL ≥ 1.65V, I(RO) = 3mA (LTC2877)
VCC ≥ 3.0V, I(RO) = 3mA (LTC2876)
l
l
0.4
0.4
V
V
Receiver Three-State (High Impedance)
Output Current on RO
RE = High, RO = 0V
l
–20
–40
µA
Receiver Three-State (High Impedance)
Output Current on RO
RE = High, RO = VCC (LTC2876) or VL
(LTC2877)
l
0
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com