Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 20Page - Linear Technology LTC2876 Datasheet HTML 21Page - Linear Technology LTC2876 Datasheet HTML 22Page - Linear Technology LTC2876 Datasheet HTML 23Page - Linear Technology LTC2876 Datasheet HTML 24Page - Linear Technology LTC2876 Datasheet HTML 25Page - Linear Technology LTC2876 Datasheet HTML 26Page - Linear Technology LTC2876 Datasheet HTML 27Page - Linear Technology LTC2876 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC2876/LTC2877
24
28767fa
For more information www.linear.com/LTC2876
Figure 18. Using the LTC2876/LTC2877 in an RS485 Network
(Not PROFIBUS) with Optional Bus Bias Resistors
620
620
28767 F17
130
5V
120
LTC2876
OR
LTC2877
LTC2876
OR
LTC2877
BUS BIAS
RESISTORS
AT ONE END
applicaTions inForMaTion
Unlike PROFIBUS, the biasing network is not part of the
RS485 standard. Although the LTC2876 and LTC2877
are compatible with this biasing arrangement, the inter-
nal failsafe feature eliminates the need for it, since an
undriven bus triggers a failsafe condition. In extremely
noisy environments the resistor biasing helps reinforce
the failsafe condition.
VL LOGIC SUPPLY
A separate logic supply pin VL allows the LTC2877 to
interface with any logic signal from 1.65V to 5.5V. All
logic I/Os use VL as their high supply. It is recommended
that VL does not exceed VCC during operation. If VL does
exceedVCC,nodamagewilloccurbuttheVLsupplycurrent
could increase about 300µA, depending on the operating
configuration and the state of the device. If VL is not con-
nected to VCC, bypass VL with a 0.1µF capacitor to GND.
The driver is disabled and pins PB and PA are undriven
when VL or VCC is grounded or disconnected.
3.3V OPERATION
The LTC2876 and LTC2877 can be used with a supply
voltage as low as 3.0V in RS485 installations. Reducing
the supply voltage reduces the driver output signal swing
below what is specified in the RS485 standard but still
produces signals much larger than the 200mV minimum
signal swing required at the receiver input. A plot in the
Typical Characteristics section shows the driver output
signal for 3.3V and 5V supply voltages.
3.3V-powered LTC2876/LTC2877 devices can be mixed
withotherRS485transceiversrunningfrom5Vonthesame
network as shown in Figure 20. There is no concern for
the higher voltage of a 5V node overdriving the 3.3V node
due to the overvoltage-tolerant design of the LTC2876/
LTC2877, as illustrated in Figure 15.
One advantage to using a lower supply voltage is reduced
VCC current draw. VCC supply currents are roughly pro-
portional to the applied supply voltage when the LTC2876/
LTC2877 is driving loads. The Typical Characteristics
section shows the typical power supply currents versus
transmission rates for 3.3V and 5V supplies.
PROFIBUS installations that use the LTC2876/LTC2877
with supply voltages less than 4.5V, may fall out of com-
pliance to the PROFIBUS specification.
HIGH SPEED CONSIDERATIONS
A ground plane layout with a 1µF bypass capacitor placed
less than 7mm away from VCC is recommended. The PC
board traces connected to signal PB and PA should be
symmetrical and as short as possible to maintain good
differential signal integrity. To minimize capacitive effects,
the differential signals should be separated by more than
the width of a trace and should not be routed on top of
each other if they are on different signal planes.
Care should be taken to route the outputs away from the
sensitive inputs to reduce feedback effects that might
cause noise, jitter, and even oscillations. For example, DI
and RO should not be routed next to each other or next
to PB and PA.
Logic inputs have a typical hysteresis of about 150mV to
provide noise immunity. Fast edges on the outputs can
cause glitches in the ground and power supplies which are
exacerbated by capacitive loading. If a logic input is held
near its threshold (typically VCC/2 or VL/2), a noise glitch
from a driver transition may exceed the hysteresis levels
on the logic and data input pins, causing an unintended
state change. This can be avoided by maintaining normal
logic levels on the pins and by slewing inputs faster than
1V/µs. Good supply decoupling and proper driver termi-
nation also reduces glitches caused by driver transitions.
REFERENCES
1 “Application Guidelines for TIA/EIA-485-A”: TSB-89-A,
TIA Telecommunications System Bulletin, January 2006.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com