Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 25 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 25 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 21Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 22Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 23Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 24Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 25Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 26Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 27Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 28Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 29Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Pin Descriptions
Page 13
Table 5: Media Independent Interface Pins
Pin Name
Pin #
Type
Description
MII_TXD3
MII_TXD2
MII_TXD1
MII_TXD0
44
43
42
41
I,D
MII Transmit Data. The MAC sources MII_TXD[3:0] synchronous
with MII_TXCLK when MII_TXEN is asserted.
MII_TXCLK
33
O,D,S
MII Transmit Clock. Continuous (25 MHz/2.5 MHz) clock output
used by MAC to synchronize MII_TXEN, MII_TXD[3:0], and
MII_TXER.
MII_TXEN
40
I,D
MII Transmit Enable. Indicates MAC has presented valid data on
the MII_TXD[3:0].
MII_RXD3/MII_SPDSEL
MII_RXD2/MODE3
MII_RXD1/TP125
MII_RXD0
38
37
36
35
I/O,U
I/O,D
I/O,U
O,U
MII Receive Data. The PHY sources MII_RXD[3:0] synchronous
with MII_RXCLK when MII_RXDV is asserted.
After power on, the MII_SPDSEL is latched for port speed
selection. 1=100 Mb, 0=10 Mb
MII_RXCLK
31
O,D,S
MII Transmit Clock. Continuous (25 MHz/2.5 MHz) clock output
used by MAC to synchronize MII_RXDV, MII_RXD[3:0], and
MII_RXER.
MII_RXDV
28
O,D
MII Receive Data-Valid. PHY has presented valid recovered on
the MII_RXD[3:0].
MII_CRS
29
O,D
MII Carrier Sense. Active when carrier has been sensed.
MII_RXER
34
O,D
MII Receive Error. Indicates Phy has received invalid symbol
data.
MII_COL
30
O,D
MII Collision Detection. Active when collision is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com