Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 30 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 30 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 26Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 27Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 28Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 29Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 30Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 31Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 32Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 33Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 34Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 18 Pin Descriptions
Document
AC206-DS05-405-R
Table 14: Clock and Reset
Pin Name
Pin #
Type
Description
1 RESET*
1 47
1 I,U
Reset to initial and defaulted state.
1 CLK
1 48
1 I
25-MHz system clock reference input. This pin is connected to an external
25-MHz clock source. Multiple devices are synchronous to the same external
clock source.
Table 15: Power and Ground
Pin Name
Pin #
Type
Description
DVCC
115, 126, 10, 23, 39, 46
P
2.5V power for digital circuit, total of 9 pins.
DGND
114, 116, 117, 5, 15, 32,
45, 49
G
Ground for digital circuit, total 10 pins.
AVCC
108, 109, 110, 57, 58, 59
P
2.5V power for analog circuit, total 16 pins.
AGND
105, 62, 65, 66, 69, 74,
77, 78, 81, 86, 89, 90, 93,
98, 101, 102
G
Ground for analog circuit, total 16 pins
GAVDD
113
P
2.5V power supply for common analog circuit
GAGND
111, 56
G
Ground for common analog circuit
Table 16: No Connects
Pin Name
Pin #
Type
Description
N/C
17, 60, 61, 63, 64, 67, 68,
70, 71, 103, 104, 106, 107
N/C
No Connects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com