Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 14Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 15Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 16Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 17Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 18Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 19Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 20Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 21Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 22Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 6
Bridge Function
Document
AC206-DS05-405-R
BRIDGE FUNCTION
MEDIA INDEPENDENT INTERFACE
The bridge supports MII for 10/100 Mbps. Port 0 of bridge can support either 10 or 100, while port 1 supports only at
100 Mbps. Refer to the mode pin table to configure port 0.
FORWARDING SCHEME
The bridge supports the store-and-forward scheme only. It does not support cut-through-forward. With store-and-forward,
the incoming packet should be completely received to the buffer without error before it can be sent out.
ADDRESS RECOGNITION
The self-learning bridge function is based on source address field of packets. The bridge uses the XOR hashing algorithm
to address look-up table. Programmable aging time and fast aging control is supported.
RESET AND RESTART
At power on, the bridge initially goes to the SRAM self-test mode. It generates eight patterns to evaluate SRAM status.
MEDIA ACCESS CONTROL
The bridge media access control (MAC) complies with certain IEEE 802.3 MAC protocols such as frame formatting and
collision handling, but does not generate CRC codes. It generates a 56-bit preamble and start of frame delimiter while a
packet is sending. In half-duplex mode, the device listens before transmitting, to prevent traffic jam. During collision, a packet
is retransmitted at a random time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com