Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 28 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 28 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 24Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 25Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 26Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 27Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 28Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 29Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 30Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 31Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 16 Pin Descriptions
Document
AC206-DS05-405-R
Table 11: 10 Mbps Internal Repeater Bus
Pin Name
Pin #
Type
Description
M10COL_LOCAL*
18
I/O, U
10M Local Collision. Input when ChipID = 00. Active low to
indicate collision on all other ChipIds. M10COL_LOCAL#
≠
(local_collision).
M10ACTO*
19
O, U
Output to ChipID = 00 for ChipID
≠ 00 to signal local activity.
(Refer to next 3 signals).
M10ACTI_0*
(M10ACTO*)
19
I,U
Connected from ChipID = 00 from ChipID
= 01 M10ACTO* to
sense activities. Open on all other ChipIDs.
M10ACTI_1*
20
I,U
Connected from ChipID 00 to ChipID 10 M10ACTO* to sense
activities. Open on all other ChipIDs.
M10ACTI_2*
21
I,U
Connected from ChipID 00 to ChipID 11 M10ACTO* to sense
activities. Open on all other ChipIDs.
M10COL_SYS*
27
I/O,U
ChipID 00 drives this pin the same as 10COLBP* to indicate
system collision.
M10CRS_SYS*
22
I/O,U
ChipID 00 drives this pin the same as 10CRSBP* to indicate
system activity.
MS10D
25
I/O,D
Multiple/Stacked Data Group. Transmit and receive data in
10BASE-T for multiple devices. Data is sampled at the rising
edge of MS10D_CLK and driven out on falling edge of
MS10D_CLK.
MS10D_EN*
26
I/O,U
Multiple/Stacked Data Enable. Active when data is valid.
MS10D_CLK
24
I/O, U,
S
Multiple/Stacked Data Clock. The bi-directional non-continuous
10 MHz recovered clock for synchronizing with MS10D and
MS10D_EN*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com