Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 29 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 29 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 25Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 26Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 27Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 28Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 29Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 30Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 31Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 32Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 33Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Pin Descriptions
Page 17
LED DISPLAY/CONFIGURATION/PROM INTERFACE
The LED pins are shared with reset-read configuration pins, test pins and EEPROM interface. The value applied on the
reset-read pins is only valid at the end of the reset cycle. The EEPROM interface is active after the reset cycle. Once the
data in the EEPROM is read, the same pins are used for LED display. Forty-eight LED outputs are available through an 6x8
matrix.
Table 12: LED Pins
Pin Name
Pin #
Type
Description
LED_LN[5]
LED_LN[4]
LED_LN[3]
LED_LN[2]
LED_LN[1]
LED_LN[0]
50
51
52
53
54
55
O
48 mA
Enable corresponding LED display line in the display matrix, active low
output. The detail of how to program and connect the LEDs is in the LED
Setup section.
LED_LN*[5] = Display 10BASE-T Collision rate and segment collision
status.
LED_LN*[4] = Display 100 Mbps Collision rate and segment collision
status
LED_LN*[3] = Display 10M segment utilization rate
LED_LN*[2] = Display 100M segment utilization rate
LED_LN*[1] = Programmable LED display. The default is to display 10M
Link/Activity information of each port.
LED_LN*[0] = Programmable LED display. The default is to display 100M
Link/Activity information of each port.
LED_D[7]
LED_D[6]
LED_D[5]
LED_D[4]
LED_D[3]
LED_D[2]
LED_D[1]
LED_D[0]
125
124
123
122
121
120
119
118
I/O, D
Output for LED display information of each column in the display matrix.
Active high output.
Table 13: Configuration and Setup
Pin Name
Pin #
Type
Description
Mode[3] (MII_RXD2)
Mode[2] (LED_D[4])
Mode[1] (LED_D[1])
Mode[0] (LED_D[0])
37
122
119
118
I,D
Mode[1:0]
Domain A
Domain B
00
100M Rptr
10M Rptr (Master)
01
100M Rptr
10M Rptr (Slave, Bridge disable)
10
100M
Port 5
11
Reserved
Mode[3:2]
Digital Interface
00
MII
01
7-wire
10
Reverse MII
TP125 (MII_RXD1)
36
I
1:select 1:1.25 xformer
ChipID[1] (LED_D[2]) Chip-
ID[0] (LED_D[3])
120
121
I,D
The device must be assigned with ChipID=0
IBREF
112
I
Reference bias resistor. Connected to analog ground through a
10K (1%) resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com