Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 57 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 57 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 53Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 54Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 55Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 56Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 57Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 58Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 59Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 60Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 61Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
100BASE-TX MII Input Timing
Page 45
100BASE-TX MII INPUT TIMING
Figure 10: 100BASE-TX MII Input Timing
Table 55: 100BASE-TX MII Input Timing
Parameter
SYM
Min
Typ
Max
Units
MII_TXCLK Period
tCK
-
40
-
ns
MII_RXCLK High Period
tCKH
18
-
22
ns
MII_RXCLK Low Period
tCKL
18
-
22
ns
MII_TXD, MII_TXEN to MII_TXCLK Rising Set-
up Time
tTXS
10
-
-
ns
MII_TXD, MII_TX_EN to MII_TXCLK Rising
Hold Time
tTXH
10
-
-
ns
tCK
tCKH
tCKL
MII_TXCLK
MII_TXEN
MII_TXD
tTXS
tTXH
Start of Packet
End of Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com