Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 43 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 43 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 39Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 40Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 41Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 42Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 43Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 44Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 45Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 46Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 47Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
PHY Registers
Page 31
TRANSCEIVER MODE REGISTER
Table 36: Transceiver Mode Register
Register
Bit
Name
Description
Mode
Default
23.15
Reserved
RO
0
23.14
Reserved
RO
0
23.13
Clk_rclk_save
1 = set rclk save mode. Rclk is hut off after 64 cycles of each
packet
RW
0
23.12
Reserved
RO
0
23.11
Scramble
disable
1 = disable scrambler
RW
0
23.10
Serial bt
enable
1 = enable serial bt mode
RW
0
23.9
Pcsbp
1 = enable PCS bypass mode
RW
0
23:8
Age timer en
1 = enable age timer in adaptation
0 = disable age timer in adaptation.
RW
0
23.7
Reserved
RO
0
23:6
Reserved
RO
0
23.5
Force re-adapt
1 = force adaptation to re-adapt
Writing a 1 to this bit forces adaptation to re-adapt. This bit is
always read as 0.
RO
0
23.[4:0]
Dlock drop
counter
D lock drop counter
RO
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com