Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 33 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 33 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 29Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 30Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 31Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 32Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 33Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 34Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 35Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 36Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 37Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Register Description
Page 21
INITIAL DEVICE CONFIGURATION REGISTER
Table 20: Initial Device Configuration Register
Name
Type
Address
Description
MII Configuration
R/W
06
Used to give the status of MII port. Default is set by pin.
Bit
Name
Type
Description
Default
15:12
Mode
RO
Mode[3:2]
Digital Interface
MODE pins
00
MII
01
7-wire
10
Reverse MII
11
Reserved
Mode[1:0]
00
Master mode, Bridge enable
01
Slave mode, Bridge disable
10
Slave mode, Uplink
Port 5 is connected to the bridge
port in this mode. The other bridge
port is connected to 100 segment.
11
Reserved
11
Reserved
(Write clear enable)
RO
10
Reserved
(MIB enable)
RO
Reserved
0
9
Disable partition
R/W
1:disable partition function of MII interface
0
8
External transform
selection
R/W
1:external transform 1:1.25, 0:external transform
1:1
Ext pin
7
MIIB Speed Select
R/W
1:100M interface, 0:10M interface
Ext Pin
6:2
Switch debug
R/W
Selection control for debugging signals
00000
1
100M repeater
Partition Alternative
R/W
0 = Normal, un-partition a port only when data can
be transmitted out from the port for 560 bit-time
without a collision.
1 = Alternate, un-partition a port when data can be
either transmitted from the port or received from the
port for 560 bit-time without a collision.
0
0
10M repeater Partition
Alternative
R/W
0 = Normal, un-partition a port when data can be
either transmitted from the port or received from the
port for 560 bit-time without a collision.
1 = Alternate, un-partition a port only when data can
be received from the port for 560 bit-time without a
collision
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com