Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 7Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 8Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 9Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 10Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 11Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 12Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 13Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 14Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Page xi
LIST OF TABLES
Table 1: LED Connections.................................................................................................................................. 8
Table 2: Content of Address Lookup Table ........................................................................................................ 9
Table 3: Embedded Memory Structure............................................................................................................. 11
Table 4: Media Dependent Interface Pins (TX) ................................................................................................ 12
Table 5: Media Independent Interface Pins ..................................................................................................... 13
Table 6: Reverse Media Independent Interface Pins ....................................................................................... 14
Table 7: Seven-Wire (Serial Network Interface) Pins ....................................................................................... 14
Table 8: EEPROM Interface ............................................................................................................................. 15
Table 9: MDC/MDIO Interface .......................................................................................................................... 15
Table 10: 100 Mbps Internal Repeater Bus...................................................................................................... 15
Table 11: 10 Mbps Internal Repeater Bus........................................................................................................ 16
Table 12: LED Pins........................................................................................................................................... 17
Table 13: Configuration and Setup................................................................................................................... 17
Table 14: Clock and Reset ............................................................................................................................... 18
Table 15: Power and Ground ........................................................................................................................... 18
Table 16: No Connects..................................................................................................................................... 18
Table 17: Register Set...................................................................................................................................... 19
Table 18: PHY Port Status Register ................................................................................................................. 20
Table 19: PHY Port Status ............................................................................................................................... 20
Table 20: Initial Device Configuration Register ................................................................................................ 21
Table 21: Bridge Configuration Register .......................................................................................................... 22
Table 22: PHY Configuration Register 0 .......................................................................................................... 23
Table 23: PHY Status Register 1...................................................................................................................... 24
Table 24: PHY Identifier 1 Register .................................................................................................................. 24
Table 25: PHY Identifier 2 Register .................................................................................................................. 25
Table 26: Auto-Negotiation Advertisement Register ........................................................................................ 25
Table 27: Auto-Negotiation Link Partner Ability Register ................................................................................. 25
Table 28: Register 6: Auto-Negotiation Expansion Register ............................................................................ 26
Table 29: Auto-Negotiation Next Page Transmit Register................................................................................ 26
Table 30: PHY 10BASE-T Configuration Register ........................................................................................... 27
Table 31: PHY Interrupt Control/Status Register.............................................................................................. 28
Table 32: Diagnostic Register .......................................................................................................................... 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com