Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 36 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 36 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 32Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 33Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 34Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 35Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 36Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 37Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 38Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 39Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 40Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 24 PHY Registers
Document
AC206-DS05-405-R
PHY STATUS REGISTER
PHY IDENTIFIER 1 REGISTER
Table 23: PHY Status Register 1
Bit
Name
Definition
Mode
Default
1.15
100BASE-T4
Tied to 0 indicates no 100BASE-T4 capability.
RO
0
1.14
100BASE-TX
Full-duplex
Tied to 0 indicates no 100BASE-TX full-duplex support.
RO
0
1.13
100BASE-TX
Half-duplex
1 = 100BASE-TX with half-duplex.
0 = No TX half-duplex ability.
RO
1
1.12
10BASE-T Full-
duplex
Tied to 0 indicates no 10BASE-T full-duplex support.
RO
0
1.11
10BASE-T Half-
duplex
1 = 10BASE-T with half-duplex.
0 = No 10BASE-T half-duplex ability.
RO
1
1.10:6
Reserved
RO
00001
1.5
Auto-Negotiate
Complete
1 = Auto-negotiate process completed, indicates Reg. 4, 5, 6 are
valid.
0 = Auto-negotiate process not completed.
RO
N/A
1.4
Remote Fault
1 = Remote fault condition detected.
0 = No remote fault.
After this bit is set, it remains set until it is cleared by reading
register 1 via MDC/MDIO interface.
SC/LH
N/A
1.3
Auto-Negotiate
Ability
1 = Able to perform auto-negotiation function, its value is
determined by ANEGA pin.
0 = Unable to perform auto-negotiation function.
RO
1
1.2
Link Status
1 = Link is established. If AC206 link fails, this bit becomes
cleared and remains cleared until register is read via MDC/MDIO
interface.
0 = Link is down, or has been dropped.
SC/LL
0
1.1
Jabber Detect
1 = Jabber condition detect.
0 = No Jabber condition detected.
SC/LH
0
1.0
Extended
Capability
1 = Extended register capable. This bit is tied permanently to
one.
RO
1
Table 24: PHY Identifier 1 Register
Register
Bit
Name
Description
Mode
Default
2.15:0
OUI*
Assigned to the third through eighteenth bits of the Organizationally
Unique Identifier (OUI).
RO
0022
(HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com