Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS05-405-R Datasheet(PDF) 50 Page - Broadcom Corporation.

Part # AC206-DS05-405-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS05-405-R Datasheet(HTML) 50 Page - Broadcom Corporation.

Back Button AC206-DS05-405-R Datasheet HTML 46Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 47Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 48Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 49Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 50Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 51Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 52Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 53Page - Broadcom Corporation. AC206-DS05-405-R Datasheet HTML 54Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 38 Electrical Characteristics
Document
AC206-DS05-405-R
Se ction 4 : E lectr i c a l C h a r ac te ristics
The following electrical characteristics are design goals rather than characterized numbers.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature............................... -55oC to +150oC
Vcc Supply Referenced to GND............. -0.5V to 2.5V
Digital Input Voltage................................. -0.5V to 3.3V
DC Output Voltage.................................... -0.5V to Vcc
OPERATING RANGE
Operating Temperature (Ta)........................... 0oC to 70oC
Vcc Supply Voltage Range (Vcc)..................... 2.375V to 2.625V
Table 45: Total Power Consumption
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
(per port)
Icc
10 BASE-T, Idle
10 BASE-T, Normal activity
100 BASE-TX
10/100 BASE-TX, low power without cable
Power down
53
53
153
103
44
44
mA
mA
mA
mA
mA
Supply Current
(dual speed hub)
Icc
Mode 00
Master
Mode 01
Slave, Bridge disabled
Mode 10
Slave, Uplink
Mode 11
Slave, Bridge enabled
440
380
440
440
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com