Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 6Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 7Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 8Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 9Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 10 of 22
Dec 29, 2004
.
Current Sensing
During the forced off time following a PWM transition low, the
controller senses channel load current by sampling the voltage
across the lower MOSFET rDS(ON). A ground-referenced
amplifier, internal to the ISL6569A, connects to the PHASE
node through a resistor, RISEN. The voltage across RISEN is
equivalent to the voltage drop across the rDS(ON) of the lower
MOSFET while it is conducting. The resulting current into the
ISEN pin is proportional to the channel current, IL. The ISEN
current is then sampled and held after sufficient settling time
every switching cycle. The sampled current is used for channel-
current balance, load-line regulation, overcurrent protection,
and module current sharing.
The circuitry shown in Figure 4 represents channel-1 of a
two channel converter. This circuitry is repeated for
channel-2 of the converter. From Figure 4, the following
equation for channel-1 sampled current, I1, is derived
where IL1 is half of the total load current.
If rDS(ON) sensing is not desired, an independent current-
sense resistor in series with the lower MOSFET source can
serve as a sense element.
Channel-Current Balance
The sampled current from both channels, I1 and I2, is used
to gauge both overall load current and the relative channel
current carried in each leg of the converter. The individual
sample currents are averaged. The resulting average
current, IAVG, provides a measure of the total load current
demand on the converter and the appropriate level of
channel current. Using Figures 4 and 6, the average current
is defined as:
where IOUT is the total load current.
The average current is then subtracted from the individual
channel sample currents. The resulting error current, IER, is
then filtered before it adjusts VCOMP. The modified VCOMP
signal is compared to a sawtooth ramp signal and produces
a pulse width which corrects for any unbalance and drives
the error current toward zero. Figure 6 illustrates Intersil’s
patented current balance method as implemented on one
channel of a multi-phase converter.
Two considerations designers face are MOSFET selection
and inductor design. Both are significantly improved when
channel currents track at any load level. The need for
complex drive schemes for multiple MOSFETs, exotic
magnetic materials, and expensive heat sinks is avoided.
Resulting in a cost-effective and easy to implement solution
relative to single-phase conversion. Channel current balance
insures the thermal advantage of multi-phase conversion is
realized. Heat dissipation is spread over multiple channels
and a greater area than single phase approaches.
In some circumstances, it may be necessary to deliberately
design some channel-current unbalance into the system. In
a highly compact design, one channel may be able to cool
more effectively than the other due to nearby air flow or heat
sinking components. The other channel may have more
difficulty cooling with comparatively less air flow and heat
sinking. The hotter channel may also be located close to
other heat-generating components tending to drive it’s
temperature even higher. In these cases, the proper
selection of the current sense resistors (RISEN in Figure 4)
introduces channel current unbalance into the system.
Increasing the value of RISEN in the cooler channel and
decreasing it in the hotter channel moves both channels into
thermal balance at the expense of current balance.
FIGURE 4. CHANNEL 1 INTERNAL AND EXTERNAL
CURRENT-SENSING CIRCUITRY
I1 I
SEN
IL1
rDS ON

RISEN
--------------------------
=
-
+
ISEN1
RISEN
SAMPLE
&
HOLD
ISL6569A INTERNAL CIRCUIT
EXTERNAL CIRCUIT
VIN
CHANNEL 1
UPPER MOSFET
CHANNEL 1
LOWER MOSFET
-
+
IL1 rDS ON

IL1
SAMPLED
CURRENT
I1
IL1
rDS ON

RISEN
----------------------
=
(EQ. 3)
IAVG
I1 I2
+
2
----------------
=
IAVG
IOUT
2
-------------
rDS ON

RISEN
----------------------
=
(EQ. 4)
FIGURE 5. CHANNEL-1 PWM FUNCTION AND CURRENT-
BALANCE ADJUSTMENT
2
IAVG
I2
-
+
+
-
+
-
f(j
)
PWM1
I1
VCOMP
SAWTOOTH SIGNAL
IER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com