Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 7Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 8Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 9Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 11 of 22
Dec 29, 2004
Voltage Regulation
The output of the error amplifier, VCOMP, is compared to the
sawtooth waveform to modulate the pulse width of the PWM
signals. The PWM signals control the timing of the Intersil
MOSFET drivers and regulate the converter output to the
specified reference voltage. Three distinct inputs to the error
amplifier determine the voltage level of VCOMP. The internal
and external circuitry which control voltage regulation is
illustrated in Figure 6.
Most multi-phase controllers simply have the output voltage
fed back to the inverting input of the error amplifier through a
resistor. The ISL6569A features an internal differential
remote-sense amplifier in the feedback path. The amplifier
removes the voltage error encountered when measuring the
output voltage relative to the local controller ground
reference point, resulting in a more accurate means of
sensing output voltage. Connect the microprocessor sense
pins to the non-inverting input, VSEN, and inverting input,
RGND, of the remote-sense amplifier. The remote-sense
amplifier output, VDIFF, is then tied through an external
resistor to the inverting input of the error amplifier.
A digital to analog converter (DAC) generates a reference
voltage based on the state of logic signals at pins VID4
through VID0. The DAC decodes the a 5-bit logic signal
(VID) into one of the discrete voltages shown in Table 1.
Each VID input offers a 20
A pull-up to an internal 2.5V
source for use with open-drain outputs. External pull-up
resistors or active-high output stages can augment the pull-
up current sources, but a slight accuracy error can occur if
they are pulled above 2.9V. The DAC-selected reference
voltage is connected to the non-inverting input of the error
amplifier.
The ISL6569A features a second non-inverting input to the
error amplifier which allows the user to directly offset the
DAC reference voltage in the positive direction only. The
offset voltage is created by an internal current source which
feeds out the OFS pin into a user selected external resistor
to ground. The resulting voltage across the resistor, VOFS, is
internally divided down by ten to create the offset voltage.
This method of offsetting the DAC voltage is more accurate
than external methods of level-shifting the FB pin.The
integrating compensation network shown in Figure 6
assures that the steady-state error in the output voltage is
limited to the error in the reference voltage (output of the
DAC) plus offset errors in the OFS current source, remote-
sense and error amplifiers. Intersil specifies the guaranteed
tolerance of the ISL6569A to include all variations in current
sources, amplifiers and the reference so that the output
voltage remains within the specified system tolerance of
±0.5% over temperature.
FIGURE 6. OUTPUT-VOLTAGE AND LOAD-LINE REGULATION
-
+
IAVG
REFERENCE
EXTERNAL CIRCUIT
ISL6569A INTERNAL CIRCUIT
COMP
CC
RC
RFB
FB
IOUT
VDIFF
VSEN
RGND
-
+
VDROOP
ERROR AMPLIFIER
-
+
VOUT
SENSE
GND
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
VOLTAGE
VCOMP
+
OFS
x0.1
100
A
ROFS
OFFSET
VOLTAGE
-
+
VOFS
REMOTE
POINTS
TABLE 1. VOLTAGE IDENTIFICATION CODES
VID4
VID3
VID2
VID1
VID0
DAC
0
0
0
0
0
1.550
0
0
0
0
1
1.525
0
0
0
1
0
1.500
0
0
0
1
1
1.475
0
0
1
0
0
1.450
0
0
1
0
1
1.425
0
0
1
1
0
1.400
0
0
1
1
1
1.375
0
1
0
0
0
1.350
0
1
0
0
1
1.325
0
1
0
1
0
1.300
0
1
0
1
1
1.275
0
1
1
0
0
1.250
0
1
1
0
1
1.225
0
1
1
1
0
1.200
0
1
1
1
1
1.175
1
0
0
0
0
1.150
1
0
0
0
1
1.125
1
0
0
1
0
1.100
1
0
0
1
1
1.075
1
0
1
0
0
1.050
1
0
1
0
1
1.025
1
0
1
1
0
1.000
1
0
1
1
1
0.975
1
1
0
0
0
0.950
1
1
0
0
1
0.925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com