Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 18Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 19Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 20Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 21Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
FN9092 Rev 2.00
Page 20 of 22
Dec 29, 2004
ISL6569A
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2003-2004. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Layout Considerations
The following multi-layer printed circuit board layout
strategies minimize the impact of board parasitics on
converter performance. The following sections highlight
some important practices which should not be overlooked
during the layout process.
Component Placement
Within the allotted implementation area, orient the switching
components first. The switching components are the most
critical because they switch large amounts of energy and
tend to generate large amounts of noise. How the switching
components are placed should also take into account power
dissipation. Align the output inductors and MOSFETs such
that space between the components is minimized while
creating the PHASE plane. Place the Intersil HIP660X
drivers as close as possible to the MOSFETs they control to
reduce the parasitics due to trace length between critical
driver input and output signals. If possible, duplicate the
same placement of switching components for each phase.
Next, place the input and output capacitors. Position one
high-frequency ceramic input capacitor next to each upper
MOSFET drain. Place the bulk input capacitors as close to
the upper MOSFET drains as dictated by the component
size and dimensions. Long distances between input
capacitors and MOSFET drains results in too much trace
inductance and a reduction in capacitor performance. Locate
the output capacitors between the inductors and the load,
while keeping them in close proximity around the
microprocessor socket.
The ISL6569A can be placed off to one side or centered
relative to the individual phase switching components.
Routing of sense lines and PWM signals will guide final
placement. Critical small signal components to place close
to the controller include the ISEN resistors, RT resistor,
feedback resistor, and compensation components.
Bypass capacitors for the ISL6569A and HIP660X driver
bias supplies must be placed next to their respective pins.
Stray trace parasitics will reduce their effectiveness.
Plane Allocation and Routing
Dedicate one solid layer, usually a middle layer, for a ground
plane. Make all critical component ground connections with
vias to this plane. Dedicate one additional layer for power
planes; breaking the plane up into smaller islands of
common voltage. Use the remaining layers for small signal
wiring.
Route PHASE planes of copper filled polygons on the top
and bottom once the switching component placement is set.
Size the trace width between the driver gate pins and the
MOSFET gates to carry 1A of current. When routing
components in the switching path, use short wide traces to
reduce the associated parasitics.
0.3
0.1
0
0.2
FIGURE 16. NORMALIZED INPUT-CAPACITOR RMS
CURRENT vs DUTY CYCLE FOR 2-PHASE
CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VIN / VO)
IC,PP = 0
IC,PP = 0.5 IO
IC,PP = 0.75 IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com