Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 18Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 19Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 20Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 21Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 19 of 22
Dec 29, 2004
In the solutions to the compensation equations, there is a
single degree of freedom. For the solutions presented in
Equations 28, RFB is selected arbitrarily. The remaining
compensation components are then selected according to
Equations 28.
In Equations 28, L is the per-channel filter inductance
divided by the number of active channels; C is the sum total
of all output capacitors; ESR is the equivalent-series
resistance of the bulk output-filter capacitance; and VPP is
the peak-to-peak sawtooth signal amplitude as described in
Figure 6 and Electrical Specifications.
Input Supply Voltage Selection
The VCC input of the ISL6569A can be connected to either a
+5V supply directly or through a current limiting resistor to a
+12V supply. An integrated 5.8V shunt regulator maintains
the voltage on the VCC pin when a +12V supply is used. A
300
 resistor is suggested for limiting the current into the
VCC pin to approximately 20mA.
Switching Frequency
There are a number of variables to consider when choosing
the switching frequency, as there are considerable effects on
the upper-MOSFET loss calculation. These effects are
outlined in MOSFETs, and they establish the upper limit for
the switching frequency. The lower limit is established by the
requirement for fast transient response and small output-
voltage ripple as outlined in Input Supply Voltage Selection.
Choose the lowest switching frequency that allows the
regulator to meet the transient-response requirements.
Switching frequency is determined by the selection of the
frequency-setting resistor, RT (see the figure Typical
Application on page 4). Figure 15 and Equation 29 are
provided to assist in the selecting the correct value for RT.
Input Capacitor Selection
The input capacitors are responsible for sourcing the ac
component of the input current flowing into the upper
MOSFETs. Their RMS current capacity must be sufficient to
handle the ac component of the current drawn by the upper
MOSFETs which is related to duty cycle and the number of
active phases.
For a two phase design, use Figure 16 to determine the
input-capacitor RMS current requirement given the duty
cycle, maximum sustained output current (IO), and the ratio
of the combined peak-to-peak inductor current (IC,PP) to IO.
Select a bulk capacitor with a ripple current rating which will
minimize the total number of input capacitors required to
support the RMS current calculated. The voltage rating of
the capacitors should also be at least 1.25 times greater
than the maximum input voltage.
FIGURE 14. COMPENSATION CIRCUIT FOR ISL6569A BASED
CONVERTER WITHOUT LOAD-LINE
REGULATION
COMP
CC
RC
RFB
FB
IOUT
VDIFF
C2
C1
R1
R1
RFB
CESR

LC C ESR

–
-----------------------------------------
=
C1
LC C ESR

–
RFB
-----------------------------------------
=
C2
0.75VIN
2
2f
0fHF LCRFBVPP
-------------------------------------------------------------------
=
(EQ. 28)
RC
VPP 2

 2f
0fHFLCRFB
0.75 VIN 2fHF LC 1
–


---------------------------------------------------------------------
=
CC
0.75VIN 2fHF LC 1
–


2
2f
0fHF LCRFBVPP
-------------------------------------------------------------------
=
FIGURE 15. RT vs SWITCHING FREQUENCY
100
1000
10000
10
SWITCHING FREQUENCY (kHz)
10
100
1000
RT
10
11.09 1.13
fS

log
–

=
(EQ. 29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com