Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 18Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 19Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 20Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 21Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 18 of 22
Dec 29, 2004
COMPENSATING LOAD-LINE REGULATED
CONVERTER
The load-line regulated converter behaves in a similar
manner to a peak-current mode controller because the two
poles at the output-filter L-C resonant frequency split with
the introduction of current information into the control loop.
The final location of these poles is determined by the system
function, the gain of the current signal, and the value of the
compensation components, RC and CC.
Since the system poles and zero are effected by the values
of the components that are meant to compensate them, the
solution to the system equation becomes fairly complicated.
Fortunately there is a simple approximation that comes very
close to an optimal solution. Treating the system as though it
were a voltage-mode regulator by compensating the L-C
poles and the ESR zero of the voltage-mode approximation
yields a solution that is always stable with very close to ideal
transient performance.
The feedback resistor, RFB, has already been chosen as
outlined in Load-Line Regulation Resistor. Select a target
bandwidth for the compensated system, f0. The target
bandwidth must be large enough to assure adequate
transient performance, but smaller than 1/3 of the per-
channel switching frequency. The values of the
compensation components depend on the relationships of f0
to the L-C pole frequency and the ESR zero frequency. For
each of the three cases which follow, there is a separate set
of equations for the compensation components.
In Equations 27, L is the per-channel filter inductance
divided by 2 (the number of active channels); C is the sum
total of all output capacitors; ESR is the equivalent-series
resistance of the bulk output-filter capacitance; and VPP is
the peak-to-peak sawtooth signal amplitude as described in
Figure 6 and Electrical Specifications.
.
Once selected, the compensation values in Equations 27
assure a stable converter with reasonable transient perfor-
mance. In most cases, transient performance can be
improved by making adjustments to RC. Slowly increase the
value of RC while observing the transient performance on an
oscilloscope until no further improvement is noted. Normally,
CC will not need adjustment. Keep the value of CC from
Equations 27 unless some performance issue is noted.
The optional capacitor C2, is sometimes needed to bypass
noise away from the PWM comparator (see Figure 13). Keep
a position available for C2, and be prepared to install a high-
frequency capacitor of between 22pF and 150pF in case any
trailing edge jitter problem is noted.
Compensation without load-line regulation
The non load-line regulated converter is accurately modeled
as a voltage-mode regulator with two poles at the L-C
resonant frequency and a zero at the ESR frequency. A
type-III controller, as shown in Figure 14, provides the
necessary compensation.
The first step is to choose the desired bandwidth, f0, of the
compensated system. Choose a frequency high enough to
assure adequate transient performance but not higher than
1/3 of the switching frequency. The type-III compensator has
an extra high-frequency pole, fHF. This pole can be used for
added noise rejection or to assure adequate attenuation at
the error-amplifier high-order pole and zero frequencies. A
good general rule is to chose fHF =10 f0, but it can be higher
if desired. Choosing fHF to be lower than 10 f0 can cause
problems with too much phase shift below the system
bandwidth.
FIGURE 13. COMPENSATION CONFIGURATION FOR
LOAD-LINE REGULATED ISL6569A CIRCUIT
COMP
CC
RC
RFB
FB
IOUT
VDIFF
-
+
VDROOP
C2 (OPTIONAL)
1
2
 LC
------------------- f0
>
RC
RFB
2
f
0Vpp LC
0.75VIN
------------------------------------
=
CC
0.75VIN
2
V
PPRFBf0
------------------------------------
=
Case 1:
1
2
 LC
------------------- f0
1
2
C ESR

------------------------------
<
RC
RFB
VPP 2
2 f
0
2 LC
0.75 VIN
--------------------------------------------
=
CC
0.75VIN
2
2 f
0
2 V
PPRFB LC
-------------------------------------------------------------
=
Case 2:
(EQ. 27)
f0
1
2
C ESR

------------------------------
>
RC
RFB
2
 f
0VppL
0.75 VIN ESR

------------------------------------------
=
CC
0.75VIN ESR
 C
2
V
PPRFBf0 L
-------------------------------------------------
=
Case 3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com