Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 18Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 15 of 22
Dec 29, 2004
impedance state. The Intersil drivers respond by turning off
both upper and lower MOSFETs. If the over-voltage condition
reoccurs, the ISL6569A will again command the lower
MOSFETs to turn on. The ISL6569A will continue to protect
the load in this fashion as long as the over-voltage repeats.
Second, the OVP pin pulls to VCC and can deliver 100mA
into the gate of either a MOSFET or SCR placed on the input
rail (VIN) or VOUT. Turning on the MOSFET or SCR
collapses the power rail and causes a fuse placed further up
stream to blow. The fuse must be sized such that the
MOSFET or SCR will not overheat before the fuse blows.
Once an over-voltage condition is detected, normal PWM
operation ceases and PGOOD remains low until the
ISL6569A is reset. Cycling the voltage on EN below 1.23V or
the bias to VCC below the POR-falling threshold will reset
the controller.
Over-Current Protection
The ISL6569A takes advantage of the proportionality
between the load current and the average current, IAVG, to
detect an over-current condition. See the Channel-Current
Balance section for more detail on how the average current
is created. The average current is continually compared with
a constant 90
A reference current. Once the average
current exceeds the reference current, the comparator
triggers the converter to shutdown. The POR circuit places
all PWM signals in a high-impedance state which commands
the drivers to turn off both upper and lower MOSFETs.
PGOOD pulls low and the system remains in this state while
the controller counts 2048 phase clock cycles. This is
followed by a soft-start attempt (see Soft-Start).
During the soft-start interval, the over-current protection
circuitry remains active. As the output voltage ramps up, if
an over-current condition is detected, the ISL6569A
immediately places all PWM signals in a high-impedance
state. The ISL6569A repeats the 2048-cycle wait period and
follows with another soft-start attempt, as shown in
Figure 12. This hiccup mode of operation repeats up to
seven times. On the eighth soft-start attempt, the part
latches off. Once latched off, the ISL6559 can only be reset
when the voltage on EN is brought below 1.23V or VCC is
brought below the POR falling threshold. Upon completion of
a successful soft-start attempt, operation will continue as
normal, PGOOD will return high, and the over-current latch
counter will reset.
During VID-on-the-fly transitions, the OC comparator output
is blanked. The quality and mix of output capacitors used in
different applications leads to a wide output capacitance
range. Depending upon the magnitude and direction of the
VID change, the change in voltage across the output
capacitors could result in significant current flow. Summing
this instantaneous current with the load current already
present could drive the average current above the reference
current level and cause an OC trip during the transition. By
blanking the OC comparator during the VID-on-the-fly
transition, nuisance tripping is avoided.
General Design Guide
This design guide is intended to provide a high-level
explanation of the steps necessary to create a multi-phase
power converter. It is assumed that the reader is familiar with
many of the basic skills and techniques referenced below. In
addition to this guide, Intersil provides complete reference
designs that include schematics, bills of materials, and
example board layouts for all common microprocessor
applications.
Power Stages
Principally, the designer will be concerned with whether
components can be mounted on both sides of the circuit
board; whether through-hole components are permitted; and
the total board space available for power-supply circuitry.
Generally speaking, the most economical solutions are
those where each phase handles between 15 and 20A. All
surface-mount designs will tend toward the lower end of this
current range and, if through-hole MOSFETs can be used,
higher per-phase currents are possible. In cases where
board space is the limiting constraint, current can be pushed
as high as 30A per phase, but these designs require heat
sinks and forced air to cool the MOSFETs.
MOSFETs
The choice of MOSFETs depends on the current each
MOSFET will be required to conduct; the switching frequency;
the capability of the MOSFETs to dissipate heat; and the
availability and nature of heat sinking and air flow.
LOWER MOSFET POWER CALCULATION
The calculation for heat dissipated in the lower MOSFET is
simple, since virtually all of the heat loss in the lower
MOSFET is due to current conducted through the channel
resistance (rDS(ON)). In Equation 13, IM is the maximum
continuous output current; IPP is the peak-to-peak inductor
0A
0V
5ms/DIV
OUTPUT VOLTAGE,
OUTPUT CURRENT, 20A/DIV
FIGURE 12. OVERCURRENT BEHAVIOR IN HICCUP MODE
500mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com