Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 8Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 9Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 12 of 22
Dec 29, 2004
LOAD-LINE REGULATION
Microprocessor load current demands change from near no-
load to full load often during operation. The resulting sizable
transient current slew rate causes an output voltage spike
since the converter is not able to respond fast enough to the
rapidly changing current demands. The magnitude of the
spike is dictated by the ESR and ESL of the output
capacitors selected. In order to drive the cost of the output
capacitor solution down, one commonly accepted approach
is active voltage positioning. By adding a well controlled
output impedance, the output voltage can effectively be level
shifted in a direction which works against the voltage spike.
The average current of all the active channels, IAVG, flows out
IOUT, see Figure 6. IOUT is connected to FB through a load-
line regulation resistor, RFB. The resulting voltage drop across
RFB is proportional to the output current, effectively creating
an output voltage droop with a steady-state value defined as
In most cases, each channel uses the same RISEN value to
sense current. A more complete expression for VDROOP is
derived by combining Equations 4 and 5.
Droop is an optional feature of the ISL6569A. If active voltage
positioning is not required, simply leave the IOUT pin open.
REFERENCE OFFSET
Typical microprocessor tolerance windows are centered
around a nominal DAC set point. Implementing a load-line
requires offsetting the output voltage above this nominal
DAC set point; centering the load-line within the static
specification window. The ISL6569A features an internal
100
A current source which feeds out the OFS pin. Placing
a resistor from OFS and ground allows the user to set the
amount of positive offset desired directly to the reference
voltage. The voltage developed across the OFS resistor,
ROFS, is divided down internally by a factor of 10 and
directly counters the DAC voltage at the error amplifier non-
inverting input. Select the resistor value based on the
voltage offset desired, VOFS, using Equation 7
DYNAMIC VID
Next generation microprocessors can change VID inputs at
any time while the regulator is in operation. The power
management solution is required to monitor the DAC inputs
and respond to VID voltage transitions, or ‘on-the-fly’ VID
changes, in a controlled manner. Supervising the safe output
voltage transition within the DAC range of the processor
without discontinuity or disruption.
The ISL6569A checks the five VID inputs at the beginning of
each channel-1 switching cycle. If the VID code has
changed, the controller waits one complete switching cycle
to validate the new code. If the VID code is stable for this
entire switching cycle, then the controller will begin
executing the output voltage change. The controller begins
incrementing the reference voltage by making 25mV steps
every two switching cycles until it reaches the new VID code.
The total time required for a VID change, tDV, is dependent
on the switching frequency (fS), the size of the change
(
VID), and the time before the next switching cycle begins.
Since the ISL6569A recognizes VID-code changes only at
the beginning of switching cycles, up to one full cycle may
pass before a VID change registers. This is followed by a
one-cycle wait before the output voltage begins to change.
The one-cycle uncertainty in Equation 8 is due to the
possibility that the VID code change may occur up to one full
cycle before being recognized.
The time required for a converter running with fS = 500kHz
to make a 1.2V to 1.4V reference-voltage change is between
30
s and 32s as calculated using Equation 8. This example
is also illustrated in Figure 7.
1
1010
0.900
1
1011
0.875
1
1100
0.850
1
1101
0.825
1
1110
0.800
1
1111
Shutdown
TABLE 1. VOLTAGE IDENTIFICATION CODES
(Continued)
VID4
VID3
VID2
VID1
VID0
DAC
VDROOP
IAVG RFB
=
(EQ. 5)
VDROOP
IOUT
2
-------------
rDS ON

RISEN
---------------------- RFB
=
(EQ. 6)
ROFS
VOFS 10
100
A
---------------------------
=
(EQ. 7)
1
fS
----- 2 VID
0.025
------------------ 1
–


tDV
1
fS
----- 2 VID
0.025
------------------


<
(EQ. 8)
FIGURE 7. DYNAMIC-VID WAVEFORMS FOR 500kHz ISL6569A
BASED MULTI-PHASE BUCK CONVERTER
5
s/DIV
VREF, 100mV/DIV
VOUT, 100mV/DIV
1.2V
VID, 5V/DIV
01110
00110
1.2V
VID CHANGE OCCURS
ANYWHERE HERE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com