Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 9Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 13 of 22
Dec 29, 2004
Operation Initialization
Before converter operation is initialized, proper conditions
must exist on the enable and disable inputs. Once these
conditions are met, the controller begins a soft-start interval.
Once the output voltage is within the proper window of
operation, the PGOOD output changes state to update an
external system monitor.
Enable and Disable
The PWM outputs are held in a high-impedance state to
assure the drivers remain off while in shutdown mode. Four
separate input conditions must be met before the ISL6569A
is released from shutdown mode.
First, the bias voltage applied at VCC must reach the internal
power-on reset (POR) circuit rising threshold. Once this
threshold is met, the EN input signal becomes the gate for
soft-start initialization. Hysteresis between the rising and
falling thresholds insures that once enabled, the ISL6569A
will not inadvertently turn off unless the bias voltage drops
substantially. See Electrical Specifications for specifics on
POR rising and falling thresholds.
Second, the ISL6569A features an enable input (EN) for
power sequencing between the controller bias voltage and
another voltage rail. The enable comparator holds the
ISL6569A in shutdown until the voltage at EN rises above
1.23V. The enable comparator has about 90mV of
hysteresis to prevent bounce. It is important that the driver
ICs reach their POR level before the ISL6569A becomes
enabled. The schematic in Figure 8 demonstrates
sequencing the ISL6569A with the HIP660X family of Intersil
MOSFET drivers which require 12V bias.
Third, the frequency select/disable input (FS/DIS) will
shutdown the converter when pulled to ground. Under this
condition, the internal oscillator is disabled. The oscillator
resumes operation upon release of FS/DIS and a soft-start
sequence is initiated.
Finally, the 11111 VID code is reserved as a signal to the
controller that no load is present. The controller will enter
shutdown mode after receiving this code and will start up
upon receiving any other code.
To enable the controller, VCC must be greater than the POR
threshold; the voltage on EN must be greater than 1.23V;
FS/DIS must not be grounded; and VID cannot be equal to
11111. Once these conditions are true, the controller
immediately initiates a soft-start sequence.
Soft-Start
The soft-start time, tSS, is determined by an 11-bit counter
that increments with every pulse of the phase clock. For
example, a converter switching at 250kHz per phase has a
soft-start time of
During the soft-start interval, the soft-start voltage, VRAMP,
increases linearly from zero to 140% of the programmed
DAC voltage. At the same time a current source, IRAMP, is
decreasing from 160
A down to zero. These signals are
connected as shown in Figure 9 (IOUT may or may not be
connected to FB depending on the particular application).
The ideal diodes in Figure 9 assure that the controller tries to
regulate its output to the lower of either the reference voltage
or VRAMP. Since IRAMP creates an initial offset across RFB
(RFB x 160A), the first PWM pulse will not be seen until
VRAMP is greater than the RFBIRAMP offset. This produces a
delay after the ISL6569A enables before the output voltage
starts moving. For example, if VID = 1.5V, RFB = 1k and
TSS = 8.3ms, the delay time can be expressed using
Equation 10.
FIGURE 8. POWER SEQUENCING USING THRESHOLD-
SENSITIVE ENABLE (EN) FUNCTION
-
+
1.23V (± 2%)
EXTERNAL CIRCUIT
ISL6569A INTERNAL CIRCUIT
EN
+12V
VCC
+5V
POR
CIRCUIT
OV LATCH
SIGNAL
10.7k
1.40k
ENABLE
COMPARATOR
TSS
2048
fSW
-------------8.3ms
==
(EQ. 9)
FIGURE 9. RAMP CURRENT AND VOLTAGE FOR
REGULATING SOFT-START SLOPE
AND DURATION
-
+
IAVG
REFERENCE
EXTERNAL CIRCUIT
ISL6569A INTERNAL CIRCUIT
COMP
CC
RC
RFB
FB
IOUT
VDIFF
ERROR AMPLIFIER
VOLTAGE
VCOMP
VRAMP
IRAMP
IDEAL DIODES
tDELAY
TSS
1
1.4 VID

RFB160 10 6
–
-----------------------------------------
+
---------------------------------------------------
560
s
==
(EQ. 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com