Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 18Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 19Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 20Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 17 of 22
Dec 29, 2004
Load-Line Regulation Resistor
The load-line regulation resistor is labeled RFB in Figure 6.
Its value depends on the desired full-load droop voltage
(VDROOP in Figure 6). If Equation 19 is used to select each
ISEN resistor, the load-line regulation resistor is as shown
in Equation 21.
If one or both of the ISEN resistors was adjusted for thermal
balance, as in Equation 20, the load-line regulation resistor
should be selected according to Equation 22. Where IFL is
the full-load operating current and RISEN(n) is the ISEN
resistor connected to the nth ISEN pin.
Output Filter Design
The output inductors and the output capacitor bank
together form a low-pass filter responsible for smoothing
the pulsating voltage at the phase nodes. The output filter
also must provide the transient energy during the interval of
time after the beginning of the transient until the regulator
can respond. Because it has a low bandwidth compared to
the switching frequency, the output filter necessarily limits
the system transient response leaving the output capacitor
bank to supply or sink load current while the current in the
output inductors increases or decreases to meet the
demand.
In high-speed converters, the output capacitor bank is
usually the most costly (and often the largest) part of the
circuit. Output filter design begins with minimizing the cost of
this part of the circuit. The critical load parameters in
choosing the output capacitors are the maximum size of the
load step,
I; the load-current slew rate, di/dt; and the
maximum allowable output-voltage deviation under transient
loading,
VMAX. Capacitors are characterized according to
their capacitance, ESR, and ESL (equivalent series
inductance).
At the beginning of the load transient, the output capacitors
supply all of the transient current. The output voltage will
initially deviate by an amount approximated by the voltage
drop across the ESL. As the load current increases, the
voltage drop across the ESR increases linearly until the
load current reaches its final value. The capacitors selected
must have sufficiently low ESL and ESR so that the total
output-voltage deviation is less than the allowable
maximum. Neglecting the contribution of inductor current
and regulator response, the output voltage initially deviates
by an amount
The filter capacitor must have sufficiently low ESL and ESR
so that
V < VMAX.
Most capacitor solutions rely on a mixture of high-frequency
capacitors with relatively low capacitance in combination
with bulk capacitors having high capacitance, but limited
high-frequency performance. Minimizing the ESL of the
high-frequency capacitors allows them to support the output
voltage as the current increases. Minimizing the ESR of the
bulk capacitors allows them to supply the increased current
with less output voltage deviation.
The ESR of the bulk capacitors also creates the majority of
the output-voltage ripple. As the bulk capacitors sink and
source the inductor ac ripple current (see Interleaving and
Equation 2), a voltage develops across the bulk-capacitor
ESR equal to IC,PP (ESR). Thus, once the output capacitors
are selected, the maximum allowable ripple voltage,
VPP(MAX), determines the lower limit on the inductance.
Since the capacitors are supplying a decreasing portion of
the load current while the regulator recovers from the
transient, the capacitor voltage becomes slightly depleted.
The output inductors must be capable of assuming the entire
load current before the output voltage decreases more than
VMAX. This places an upper limits on inductance.
Equation 26 gives the upper limit on L for the cases when
the trailing edge of the current transient causes a greater
output-voltage deviation than the leading edge. Equation 25
addresses the leading edge. Normally, the trailing edge
dictates the selection of L because duty cycles are usually
less than 50%. Nevertheless, both inequalities should be
evaluated, and L should be selected based on the lower of
the two results. In each equation, L is the per-channel
inductance, and C is the total output capacitance.
Compensation
The two opposing goals of compensating the voltage
regulator are stability and speed. Depending on whether the
regulator employs the optional load-line regulation as
described in Load-Line Regulation, there are two distinct
methods for achieving these goals.
RFB
VDROOP
50 10
6
–
-------------------------
=
(EQ. 21)
RFB
VDROOP
IFL rDS ON

--------------------------------
RISEN n

n
=
(EQ. 22)
V
ESL
 di
dt
-----ESR
 I
+
(EQ. 23)
L
ESR

VIN 2VOUT
–

 V
OUT
fSVINVPP MAX

----------------------------------------------------------
(EQ. 24)
L
4CVO
I
2
----------------
V
MAX
IESR

–
(EQ. 25)
L
2.5
C
I
2
-----------------
V
MAX
IESR

–
VIN VO
–


(EQ. 26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com