Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 18Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 19Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 16 of 22
Dec 29, 2004
current (see Equation 1); d is the duty cycle (VOUT/VIN); and
L is the per-channel inductance.
An additional term can be added to the lower-MOSFET loss
equation to account for additional loss accrued during the
dead time when inductor current is flowing through the
lower-MOSFET body diode. This term is dependent on the
diode forward voltage at IM, VD(ON); the switching
frequency, fS; and the length of dead times, td1 and td2, at
the beginning and the end of the lower-MOSFET conduction
interval respectively.
Thus the total maximum power dissipated in each lower
MOSFET is approximated by the summation of PL and PD.
UPPER MOSFET POWER CALCULATION
In addition to rDS(ON) losses, a large portion of the upper-
MOSFET losses are due to currents conducted across the
input voltage (VIN) during switching. Since a substantially
higher portion of the upper-MOSFET losses are dependent
on switching frequency, the power calculation is more
complex. Upper MOSFET losses can be divided into
separate components involving the upper-MOSFET
switching times; the lower-MOSFET body-diode reverse-
recovery charge, Qrr; and the upper MOSFET rDS(ON)
conduction loss.
When the upper MOSFET turns off, the lower MOSFET
does not conduct any portion of the inductor current until the
voltage at the phase node falls below ground. Once the
lower MOSFET begins conducting, the current in the upper
MOSFET falls to zero as the current in the lower MOSFET
ramps up to assume the full inductor current. In Equation 15,
the required time for this commutation is t1 and the
approximated associated power loss is PUP,1.
The upper MOSFET begins to conduct and this transition
occurs over a time t2. In Equation 16, the approximate power
loss is PUP,2.
A third component involves the lower MOSFET’s reverse-
recovery charge, Qrr. Since the inductor current has fully
commutated to the upper MOSFET before the lower-
MOSFET’s body diode can draw all of Qrr, it is conducted
through the upper MOSFET across VIN. The power
dissipated as a result is PUP,3 and is approximately
Finally, the resistive part of the upper MOSFET’s dissipation
is given in Equation 18 as PUP,4.
In this case, of course, rDS(ON) is the on resistance of the
upper MOSFET.
The total power dissipated by the upper MOSFET at full load
can now be approximated as the summation of the results
from Equations 15, 16, 17 and 18. Since the power
equations depend on MOSFET parameters, choosing the
correct MOSFETs can be an iterative process that involves
repetitively solving the loss equations for different MOSFETs
and different switching frequencies until converging upon the
best solution.
Current Sensing
The ISEN pins are denoted ISEN1 and ISEN2. The resistors
connected between these pins and their respective phase
nodes determine the gain in the load-line regulation loop and
the channel-current balance loop. Select the values for these
resistors based on the room temperature rDS(ON) of the
lower MOSFETs; the full-load operating current, IFL;
according to Equation 19 (see also Figure 4).
In certain circumstances, it may be necessary to adjust the
value of one or both of the ISEN resistors. This can arise
when the components of one channel are inhibited from
dissipating their heat so that the affected channel runs hotter
than desired (see the section entitled Channel-Current
Balance). In this case, chose a new, smaller value of RISEN
for the affected phase. Choose RISEN,2 in proportion to the
desired decrease in temperature rise in order to cause
proportionally less current to flow in the hotter phase.
In Equation 20, make sure that
T2 is the desired temperature
rise above the ambient temperature, and
T1 is the measured
temperature rise above the ambient temperature. While a
single adjustment according to Equation 20 is usually
sufficient, it may occasionally be necessary to adjust RISEN
two or more times to achieve perfect thermal balance
between both channels.
PL
rDS ON

IM
2
------


 2
1d
–

ILPP
,
2
1d
–

12
--------------------------------
+
=
(EQ. 13)
PD
VDON
 fS
IM
2
------
IPP
2
---------
+

 t
d1
IM
2
------
IPP
2
---------
–



td2
+
=
(EQ. 14)
PUP 1, VIN
IM
2
------
IPP
2
---------
+

 t1
2
----



fS
(EQ. 15)
PUP 2
,
VIN
IM
2
------
IPP
2
---------
–

 t2
2
----



fS
(EQ. 16)
PUP 3, VIN Qrr fS
(EQ. 17)
PUP 4,
rDS ON

IM
2
------


 2
d
IPP
2
12
----------
+
=
(EQ. 18)
RISEN
rDS ON

50 10 6
–
-----------------------
IFL
2
--------
=
(EQ. 19)
RISEN 2,
RISEN
T
2
T
1
----------
=
(EQ. 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com