Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6569ACR Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6569ACR
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACR Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6569ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6569ACR Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ISL6569A
FN9092 Rev 2.00
Page 14 of 22
Dec 29, 2004
Following the delay, the soft start ramps linearly until VRAMP
reaches VID. For the system described above, this first
linear ramp will continue for approximately
The final portion of the soft-start sequence is the time
remaining after VRAMP reaches VID and before IRAMP gets to
zero. This is also characterized by a slight change in the slope
of the output voltage ramp which, for the current example,
exists for a time of
This behavior is seen in the example in Figure 10 of a converter
switching at 500kHz. For this converter, RFB is set to 2.67k
leading to TSS = 4.0ms, tDELAY = 700ns, tRAMP1 = 2.23ms,
and tRAMP2 = 1.17ms.
NOTE: Switching frequency 500kHz and RFB = 2.67k
Fault Monitoring and Protection
The ISL6569A actively monitors voltage and current
feedback to detect fault conditions. Fault monitors trigger
protective measures to prevent damage to a microprocessor
load. One common power good indication signal is provided
for linking to external system monitors. The schematic in
Figure 11 outlines the interaction between the fault monitors
and the power good signal.
Power Good Signal
The power good pin (PGOOD) is an open-drain logic output
which indicates that the converter is operating properly and
the output voltage is within a set window. The under-voltage
(UV) and over-voltage (OV) comparators create the output
voltage window. The controller also takes advantage of
current feedback to detect output over-current (OC)
conditions. PGOOD pulls low during shutdown and releases
high during soft-start once the output voltage exceeds the
UV threshold. Once high, PGOOD will only transition low
when the controller is disabled or a fault condition is
detected. It will return high under certain circumstances once
a fault clears.
Under-Voltage Protection
The voltage on VDIFF is internally offset by 350mV before it
is compared with the DAC reference voltage. By positively
offsetting the output voltage, an UV threshold is created
which moves relative to the VID code. During soft-start, the
slow rising output voltage eventually exceeds the UV
threshold. Assuming the POR leg of the PGOOD NOR gate
has not detected an OC fault, the PGOOD signal will go
high.
If a fault condition arises during operation and the output
voltage drops below the UV threshold, PGOOD will
immediately pull low, but converter operation will continue.
PGOOD will return high once the output voltage surpasses
the UV threshold.
If the ISL6569A is disabled during operation, the PGOOD
signal will not pull low until the output voltage decays below
the UV threshold.
Over-Voltage Protection
When the output of the differential amplifier (VDIFF) reaches
2.2V, PGOOD immediately goes low indicating a fault. Two
protective actions are taken by the ISL6569A to protect the
microprocessor load.
First, all PWM outputs are commanded low. Directing the
Intersil drivers to turn on the lower MOSFETs; shunting the
output to ground preventing any further increase in output
voltage. The PWM outputs remain low until VDIFF falls to the
programmed DAC level at which time they go into a high-
tRAMP1
TSS
1.4
-----------
tDELAY
–
=
5.27ms
=
(EQ. 11)
tRAMP2
TSS tRAMP1
–
tDELAY
–
=
2.34ms
=
(EQ. 12)
FIGURE 10. SOFT-START WAVEFORMS FOR ISL6569A
BASED MULTI-PHASE BUCK CONVERTER
1ms/div
EN, 5V/DIV
VOUT, 500mV/DIV
tDELAY tRAMP1
tRAMP2
FIGURE 11. POWER GOOD AND PROTECTION CIRCUITRY
OVP
POR
CIRCUIT
-
+
2.2V
VDIFF
-
+
90
A
IAVG
DAC
REFERENCE
OV
OC
UV
350mV
PGOOD
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com