Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL5330
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VPS2
COM2
OPLO
OPHI
COM2
VPS2
VPS1
COM1
INLO
INHI
COM1
VPS1
2
1
3
4
5
6
18
17
16
15
14
13
ADL5330
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD UNDER
THE DEVICE MUST BE CONNECTED TO
GROUND VIA A LOW IMPEDANCE PATH,
THERMALLY AND ELECTRICALLY.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
1, 6, 13, 18 to 22
VPS1, VPS2
Positive Supply. Nominally equal to 5 V.
2, 5, 10
COM1
Common for Input Stage.
3, 4
INHI, INLO
Differential Inputs, AC-Coupled.
7
VREF
Voltage Reference. Output at 1.5 V; normally ac-coupled to ground.
8
IPBS
Input Bias. Normally ac-coupled to ground.
9
OPBS
Output Bias. AC-Coupled to ground.
11
GNLO
Gain Control Common. Connect to ground.
12, 14, 17
COM2
Common for Output Stage.
15
OPLO
Low Side of Differential Output. Bias to VP with RF chokes.
16
OPHI
High Side of Differential Output. Bias to VP with RF chokes.
23
ENBL
Device Enable. Apply logic high for normal operation.
24
GAIN
Gain Control Voltage Input. Nominal range 0 V to 1.4 V.
EPAD
Exposed Pad. The exposed pad under the device must be connected to ground via a low
impedance path, thermally and electrically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com