Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADL5330
Rev. B | Page 15 of 24
GAIN CONTROL INPUT
When the VGA is enabled, the voltage applied to the GAIN pin
sets the gain. The input impedance of the GAIN pin is 1 MΩ.
The gain control voltage range is between 0 V and +1.4 V, which
corresponds to a typical gain range between −38 dB and +22 dB.
The useful lower limit of the gain control voltage increases at
high frequencies to about 0.5 V and 0.6 V for 2.2 GHz and
2.7 GHz, respectively. The supply current to the ADL5330 can
vary from approximately 100 mA at low gain control voltages to
215 mA at 1.4 V.
The 1 dB input compression point remains constant at 3 dBm
through the majority of the gain control range, as shown in
Figure 9 through Figure 13. The output compression point
increases dB for dB with increasing gain setting. The noise floor
is constant up to 1 V where it begins to rise.
The bandwidth on the gain control pin is approximately 3 MHz.
Figure 14 shows the response time of a pulse on the GAIN pin.
AUTOMATIC GAIN CONTROL
Although the ADL5330 provides accurate gain control, precise
regulation of output power can be achieved with an automatic
gain control (AGC) loop. Figure 36 shows the ADL5330 in an
AGC loop. The addition of the log amp (AD8318/AD8315) or a
TruPwr™ detector (AD8362) allows the AGC to have improved
temperature stability over a wide output power control range.
To operate the ADL5330 in an AGC loop, a sample of the output
RF must be fed back to the detector (typically using a directional
coupler and additional attenuation). A setpoint voltage is applied
to the VSET input of the detector while VOUT is connected to
the GAIN pin of the ADL5330. Based on the defined linear in dB
relationship of the detector between VOUT and the RF input
signal, the detector adjusts the voltage on the GAIN pin (the
VOUT pin of the detector is an error amplifier output) until the
level at the RF input corresponds to the applied setpoint voltage.
The GAIN setting settles to a value that results in the correct
balance between the input signal level at the detector and the
setpoint voltage.
The error amplifier of the detector uses CFLT, a ground referenced
capacitor pin, to integrate the error signal (in the form of a
current). A capacitor must be connected to CFLT to set the loop
bandwidth and to ensure loop stability.
INLO
INHI
GAIN
OPLO
OPHI
DIRECTIONAL
COUPLER
ATTENUATOR
VPOS
COMM
ADL5330
+5V
+5V
CLPF
VOUT
VSET
RFIN
LOG AMP OR
TRUPWR
DETECTOR
DAC
RFIN
Figure 36. ADL5330 in AGC Loop
The basic connections for operating the ADL5330 in an AGC
loop with the AD8318 are shown in Figure 37. The AD8318 is a
1 MHz to 8 GHz precision demodulating logarithmic amplifier.
It offers a large detection range of 60 dB with ±0.5 dB tempera-
ture stability. This configuration is similar to Figure 36.
The gain of the ADL5330 is controlled by the output pin of the
AD8318. This voltage, VOUT, has a range of 0 V to near VPOS.
To avoid overdrive recovery issues, the AD8318 output voltage
can be scaled down using a resistive divider to interface with the
0 V to 1.4 V gain control range of ADL5330.
A coupler/attenuation of 23 dB is used to match the desired
maximum output power from the VGA to the top end of the
linear operating range of the AD8318 (at approximately −5 dBm
at 900 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com