Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADL5330
Rev. B | Page 17 of 24
Figure 40 shows the response of the AGC RF output to a pulse
on VSET. As VSET decreases to 1 V, the AGC loop responds
with an RF burst. Response time and the amount of signal
integration are controlled by the capacitance at the AD8318 CFLT
pin—a function analogous to the feedback capacitor around an
integrating amplifier. An increase in the capacitance results in
slower response time.
CH1 2.00V CH2 50.0mV
M10.0
s
A CH1
2.60V
2
1
T
20.2000
s
T
AD8318 WITH PULSED VSET
ADL5330 OUTPUT
T
Figure 40. Oscilloscope Screenshot Showing the
Response Time of the AGC Loop
More information on the use of AD8318 in an AGC application
can be found in the AD8318 data sheet.
INTERFACING TO AN IQ MODULATOR
The basic connections for interfacing the AD8349 with the
ADL5330 are shown in Figure 42. The AD8349 is an RF
quadrature modulator with an output frequency range of
700 MHz to 2.7 GHz. It offers excellent phase accuracy and
amplitude balance, enabling high performance direct RF
modulation for communication systems.
The output of the AD8349 is designed to drive 50 Ω loads and
easily interfaces with the ADL5330. The input to the ADL5330
can be driven single-ended, as shown in Figure 42. Similar con-
figurations are possible with the AD8345 (250 MHz to 1 GHz)
and AD8346 (800 MHz to 2.5 GHz) quadrature modulators.
Figure 41 shows how output power, EVM, ACPR, and noise
vary with the gain control voltage. VGAIN is varied from 0 V to
1.4 V. Figure 41 shows that the modulation generated by the
AD8349 is a 1 GHz 64 QAM waveform with a 1 MHz symbol
rate. The ACPR values are measured in 1 MHz bandwidths at
1.1 MHz and 2.2 MHz carrier offsets. Noise floor is measured at
a 20 MHz carrier offset.
VGAIN (V)
1.4
0
0.2
0.4
0.8
0.6
1.0
1.2
20
4.5
0
4.0
–20
3.5
–40
3.0
–60
2.5
–80
2.0
–100
1.5
–120
1.0
–140
0.5
–160
0
EVM
OUTPUT POWER
ACPR 2.2MHz OFFSET
ACPR 1.1MHz OFFSET
NOISE FLOOR
Figure 41. AD8349 and ADL5330 Output Power, ACPR, EVM, and Noise vs.
VGAIN for a 1 GHz 64 QAM Waveform with 1 MHz Symbol Rate
The output of the AD8349 driving the ADL5330 should be
limited to the range that provides the optimal EVM and ACPR
performance. The power range is found by sweeping the output
power of the AD8349 to find the best compromise between
EVM and ACPR of the system. In Figure 41, the AD8349 output
power is set to −15 dBm.
100pF
100pF
INHI
INLO
RF OUTPUT
100pF
100pF
OPHI
COMM
VPOS
OPLO
ADL5330
RF VGA
120nH
120nH
+5V
+5V
ETC1-1-13
LO
100pF
100pF
200
200
ETC1-1-13
IBBP
IBBN
QBBP
QBBN
VOUT
COMM
VPOS
AD8349
IQ MOD
+5V
GAIN CONTROL
DAC
DAC
DIFFERENTIAL I/Q
BASEBAND INPUTS
Figure 42. AD8349 Quadrature Modulator and ADL5330 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com