Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5330
Data Sheet
Rev. B | Page 10 of 24
OP1dB (dBm)
18.5 19 19.5
20.5
20
21 21.5 22 22.5
24.5
24
23.5
23
70
60
50
40
30
20
10
0
Figure 21. OP1dB Distribution at 900 MHz at Maximum Gain, VGAIN = 1.4 V
OP1dB (dBm)
9.5 10 10.5
11.5
11
12 12.5 13 13.5
16
15 15.5
14.5
14
30
25
20
15
10
5
0
Figure 22. OP1dB Distribution at 2200 MHz at Maximum Gain, VGAIN = 1.4 V
OIP3 (dBm)
28
28.5
29
30
29.5
30.5
31
31.5
32
33.5
33.5
34.5
34
35
33
32.5
30
25
20
15
10
5
0
Figure 23. OIP3 Distribution at 900 MHz at Maximum Gain, VGAIN = 1.4 V
OIP3 (dBm)
18.5
18
19 19.5 20 20.5
24
22
23
22.5
23.5
21.5
21
30
25
20
15
10
5
0
Figure 24. OIP3 Distribution at 2200 MHz at Maximum Gain; VGAIN = 1.4 V
FREQUENCY (MHz)
10,000
10
100
1,000
30
20
10
0
–10
–20
–30
–40
–50
VGAIN = 0.2V
VGAIN = 0.4V
VGAIN = 0.6V
VGAIN = 0.8V
VGAIN = 1.0V
VGAIN = 1.2V
VGAIN = 1.4V
Figure 25. Gain vs. Frequency (Differential)
FREQUENCY (MHz)
10,000
10
1,000
100
30
20
10
0
–10
–20
–30
–40
–50
VGAIN = 0.2V
VGAIN = 0.4V
VGAIN = 0.6V
VGAIN = 0.8V
VGAIN = 1.0V
VGAIN = 1.2V
VGAIN = 1.4V
Figure 26. Gain vs. Frequency (Using ETC1-1-13 Baluns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com