Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5330
Data Sheet
Rev. B | Page 8 of 24
–155
–115
–130
–125
–120
–145
–140
–135
–150
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
40
30
20
10
–10
0
–20
–30
–40
OIP3
INPUT P1dB
OUTPUT P1dB
Figure 9. Input Compression Point, Output Compression Point,
OIP3, and Noise Floor vs. VGAIN at 100 MHz
–155
–115
–130
–125
–120
–145
–140
–135
–150
VGAIN (V)
1.4
0
0.4
0.2
0.8
0.6
1.0
1.2
40
30
20
10
–10
0
–20
–30
–40
OIP3
OUTPUT P1dB
INPUT P1dB
Figure 10. Input Compression Point, Output Compression Point,
OIP3, and Noise Floor vs. VGAIN at 450 MHz
–155
–115
–120
–125
–130
–135
–140
–145
–150
VGAIN (V)
1.4
0
0.4
0.2
0.6
0.8
1.0
1.2
40
20
30
10
0
–10
–20
–30
–40
OIP3
INPUT P1dB
OUTPUT P1dB
Figure 11. Input Compression Point, Output Compression Point,
OIP3, and Noise Floor vs. VGAIN at 900 MHz
–155
–115
–130
–125
–120
–150
–145
–140
–135
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
20
10
0
–10
–20
–30
–40
–50
INPUT P1dB
OIP3
OUTPUT P1dB
Figure 12. Input Compression Point, Output Compression Point,
OIP3, and Noise Floor vs. VGAIN at 2200 MHz
–160
–155
–120
–140
–135
–130
–125
–150
–145
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
20
10
0
–10
–20
–30
–40
–50
INPUT P1dB
OIP3
OUTPUT P1dB
Figure 13. Input Compression Point, Output Compression Point,
OIP3, and Noise Floor vs. VGAIN at 2700 MHz
CH1 200mV CH2 100mV
M100ns
A CH4
2.70V
1
2
T
382.000ns
T
T
Figure 14. Step Response of Gain Control Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com