Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADL5330
Data Sheet
Rev. B | Page 22 of 24
Table 5. Evaluation Board Configuration Options
Components
Function
Default Conditions
C1 to C4, C7 to C10, C13,
C14, R2, R4, R5, R6, R12
Power Supply Decoupling. The nominal supply decoupling consists of
100 pF and 0.1 μF capacitors at each power supply pin (the VPS2 pins, Pin 18
to Pin 22, share a pair of decoupling capacitors because of their proximity). A
series inductor or small resistor can be placed between the capacitors for
additional decoupling.
C1, C4, C7, C10, C13 = 100 pF
(size 0603)
C2, C3, C8, C9, C14 = 0.1 μF
(size 0603)
R2, R4, R5, R6, R12 = 0 Ω
(size 0402)
T1, C5, C6
Input Interface. The 1:1 balun transformer T1 converts a 50 Ω single-ended
input to the 50 Ω differential input. C5 and C6 are dc blocks.
T1 = ETC1-1-13 (M/A-COM)
C5, C6 = 100 pF (size 0603)
T2, C11, C12, L1, L2
Output Interface. The 1:1 balun transformer T2 converts the 50 Ω differential
output to 50 Ω single-ended output. C11 and C2 are dc blocks. L3 and L4
provide dc biases for the output.
T2 = ETC1-1-13 (M/A-COM)
C11, C12 = 100 pF (size 0603)
L1, L2 = 120 nH (size 0805)
SW1, R1, R13
Enable Interface. The ADL5330 is enabled by applying a logic high voltage to
the ENBL pin by placing a jumper across SW1 to the O position. Remove the
jumper for disable. To exercise the enable function by applying an external
high or low voltage, use the pin labeled O on the SW1 header.
SW1 = installed
R1 = 0 Ω (size 0402)
R13 = 10 kΩ (size 0402)
C15 to C18, M1 to M18
Alternate Input/Output Interface. The circuit side of the evaluation board
offers an alternate RF input and output interface. A lumped-element balun
can be built using L and C components instead of using the balun transformer
(see the Applications Information section). The components, M1 through
M9, are used for the input, and M10 through M18 are used for the output. To
use the alternate RF paths, disconnect the dc blocking capacitors
(Capacitor C5 and Capacitor C6 for the input and Capacitor C11 and Capacitor
C12 for the output). Place 100 pF dc blocking capacitors on C15, C16, C17,
and C18. Use the alternate set of SMA connectors, INPUT2 and OUT2.
M1 to M18 = not installed
(size 0603)
C15 to C18 = not installed
(size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com