Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5330
Data Sheet
Rev. B | Page 14 of 24
RF INPUT/OUTPUT INTERFACE
The ADL5330 is primarily designed for differential signals;
however, there are several configurations that can be implemented
to interface the ADL5330 to single-ended applications. Figure 33
to Figure 35 show three options for differential to single-ended
interfaces. All three configurations use ac-coupling capacitors at
the input/output and RF chokes at the output.
RFIN
100pF
100pF
INHI
INLO
RFOUT
100pF
100pF
OPHI
OPLO
ADL5330
RF VGA
120nH
120nH
+5V
ETC1-1-13
ETC1-1-13
Figure 33. Differential Operation with Balun Transformers
100pF
100pF
INHI
INLO
RFOUT
RFIN
100pF
100pF
OPHI
OPLO
ADL5330
RF VGA
120nH
120nH
+5V
ETC1-1-13
Figure 34. Single-Ended Drive with Balanced Output
Figure 33 illustrates differential balance at the input and output
using a transformer balun. Input and output baluns are recom-
mended for optimal performance. Much of the characterization
for the ADL5330 was completed using 1:1 baluns at the input
and output for single-ended 50 Ω match. Operation using
M/A-COM ETC1-1-13 transmission line transformer baluns
is recommended for a broadband interface; however, narrow-
band baluns can be used for applications requiring lower insertion
loss over smaller bandwidths.
The device can be driven single-ended with similar performance,
as shown in Figure 34. The single-ended input interface can be
implemented by driving one of the input terminals and terminating
the unused input to ground. To achieve the optimal performance,
the output must remain balanced. In the case of Figure 34, a
transformer balun is used at the output.
As an alternative to transformer baluns, lumped element baluns
comprised of passive L and C components can be designed at
specific frequencies. Figure 35 illustrates differential balance at
the input and output of the ADL5330 using discrete lumped
element baluns. The lumped element baluns present 180° of
phase difference while also providing impedance transformation
from source to load, and vice versa. Table 4 lists recommended
passive values for various center frequencies with single-ended
impedances of 50 Ω. Agilent’s free AppCADTM program allows
for simple calculation of passive components for lumped element
baluns.
The lumped element baluns offer ±0.5 dB flatness across 50 MHz
for 900 MHz and 2200 MHz. At 2.7 GHz, the frequency band is
limited by stray capacitances that dominate the passive components
in the lumped element balun at these high frequencies. Therefore,
PCB parasitics must be considered during lumped element
balun design and board layout.
Table 4. Recommended Passive Values for Lumped Element
Balun, 50 Ω Impedance Match
Center
Frequency
Input
Output
Ci
Li
Cip
Co
Lo
Cop
100 MHz
27 pF
82 nH
1 pF
33 pF
72 nH
3.3 pF
900 MHz
3.3 pF
9 nH
3.9 pF
8.7 nH
0.5 pF
2.2 GHz
1.5 pF
3.3 nH
16 nH
1.5 pF
3.6 nH
27 nH
2.7 GHz
1.5 pF
2.4 nH
1.3 pF
2.7 nH
33 nH
INHI
INLO
RFOUT
100pF
Cop
Co
Co
100pF
Co
Co
Lo
Lo
OPHI
OPLO
ADL5330
RF VGA
120nH
120nH
+5V
RFIN
100pF
Cip
Ci
Ci
100pF
Ci
Ci
Li
Li
Figure 35. Differential Operation with Discrete LC Baluns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com