Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADL5330
Rev. B | Page 9 of 24
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
40
30
20
10
0
–10
–20
–30
–40
–50
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 15. OP1dB and OIP3 vs. Gain over Temperature at 100 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
40
20
30
10
–10
0
–30
–20
–40
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 16. OP1dB and OIP3 vs. Gain over Temperature at 450 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
40
30
10
20
–10
0
–30
–20
–40
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 17. OP1dB and OIP3 vs. Gain over Temperature at 900 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
10
20
–10
0
–30
–20
–40
–50
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 18. OP1dB and OIP3 vs. Gain over Temperature at 2200 MH
z
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
20
10
–10
0
–20
–40
–30
–50
OP1dB (+25°C)
OP1dB (–40°C)
OP1dB (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
OIP3 (+85°C)
Figure 19. OP1dB and OIP3 vs. Gain over Temperature at 2700 MHz
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
250
200
150
100
50
0
TEMP = +85°C
TEMP = +25°C
TEMP = –40°C
Figure 20. Supply Current vs. VGAIN and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com