Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADL5330
Rev. B | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–4
4
1
2
3
–1
0
–2
–3
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
20
10
0
–10
–20
–30
–40
–50
+25°C GAIN
+85°C GAIN
–40°C ERROR
+25°C ERROR
+85°C ERROR
–40°C GAIN
Figure 3. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 100 MHz
–4
4
1
2
3
–1
0
–2
–3
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
10
20
0
–20
–10
–40
–30
–50
–40°C GAIN
+25°C GAIN
+85°C GAIN
–40°C ERROR
+25°C ERROR
+85°C ERROR
Figure 4. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 450 MHz
–4
4
2
1
3
0
–2
–1
–3
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
20
10
0
–10
–20
–30
–40
–50
+25°C GAIN
–40°C GAIN
+85°C GAIN
–40°C ERROR
+25°C ERROR
+85°C ERROR
Figure 5. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 900 MHz
–12
–9
12
3
6
9
–6
–3
0
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
30
20
10
0
–10
–20
–30
–40
–50
–40°C GAIN
+25°C GAIN
+85°C GAIN
–40°C ERROR
+25°C ERROR
+85°C ERROR
Figure 6. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 2200 MHz
–12
12
0
3
6
9
–6
–3
–9
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
20
10
0
–10
–20
–30
–40
–50
–60
–40°C GAIN
+25°C GAIN
+85°C GAIN
–40°C ERROR
+25°C ERROR
+85°C ERROR
Figure 7. Gain and Gain Law Conformance vs. VGAIN
over Temperature at 2700 MHz
FREQUENCY (kHz)
10,000
10
100
1,000
180
140
160
100
120
60
80
40
20
0
VGAIN = 1.0V
Figure 8. Frequency Response of Gain Control Input,
Carrier Frequency = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com