Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL5330
Data Sheet
Rev. B | Page 20 of 24
EVALUATION BOARD
Figure 49 shows the schematic of the ADL5330 evaluation
board. The silkscreen and layout of the component and circuit
sides are shown in Figure 50 through Figure 53. The board is
powered by a single-supply in the 4.75 V to 5.25 V range. The
power supply is decoupled by 100 pF and 0.1 μF capacitors at
each power supply pin. Additional decoupling, in the form of a
series resistor or inductor at the supply pins, can also be added.
Table 5 details the various configuration options of the
evaluation board.
The output pins of the ADL5330 require supply biasing with
120 nH RF chokes. Both the input and output pins have 50 Ω
differential impedances and must be ac-coupled. These pins are
converted to single-ended with a pair of baluns (M/A-COM
part number ETC1-1-13).
Instead of using balun transformers, lumped-element baluns
comprising passive L and C components can be designed.
Alternate input and output RF paths with component pads are
available on the circuit side of the board. Components M1
through M9 are used for the input interface, and M10 through
M18 are used for the output interface. DC blocking capacitors
of 100 pF must be installed in C15 and C16 for the input and
C17 and C18 for the output. The C5, C6, C11, and C12
capacitors must be removed. An alternate set of SMA
connectors, INPUT2 and OUT2, are used for this
configuration.
The ADL5330 can be driven single-ended; use the RF input path
on the circuit side of the board. A set of 100 pF dc blocking
capacitors must be installed in C15 and C16. C5 and C6 must
be removed. Use the INPUT2 SMA to drive one of the differential
input pins. The unused pin should be terminated to ground, as
shown in Figure 34.
The ADL5330 is enabled by applying a logic high voltage to the
ENBL pin by placing a jumper across the SW1 header in the
O position. Remove the jumper for disable. This pulls the
ENBL pin to ground through the 10 kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com