Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5330ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5330ACPZ-R2
Description  VGA with Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5330ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5330ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADL5330
Rev. B | Page 19 of 24
CDMA2000 TRANSMIT APPLICATION
To test the compliance to the CDMA2000 base station standard,
an 880 MHz, three-carrier CDMA2000 test model signal (forward
pilot, sync, paging, and six traffic, as per 3GPP2 C.S0010-B,
Table 6.5.2.1) was applied to the ADL5330. A cavity-tuned filter
with a 4.6 MHz pass band was used to reduce noise from the
signal source being applied to the device.
Figure 46 shows the spectrum of the output signal under
nominal conditions. Total POUT of the three-carrier signal is
equal to 0.46 dBm and VGAIN = 1.4 V. Adjacent and alternate
channel power ratio is measured in a 30 kHz bandwidth at
750 kHz and 1.98 MHz carrier offset, respectively.
SPAN 15MHz
CENTER 880MHz
1.5MHz/
A
1RM
EXT
–10
–30
–40
–20
–50
–60
–70
–80
–90
–100
–110
1 AVG
1 [T1]
–18.55dBm
880MHz
CH PWR
0.46dBm
ACP Up
–65.13dB
ACP Low
–64.40dB
ALT1 Up
–89.05dB
ALT1 Low
–83.68dB
ALT2 Up
–80.72dB
ALT2 Low
–81.24dB
1
CU3
CU3
CU2
CU2
CU1
CU1
CL1
CL1
CL2
CL2
CL3
CL3
C0
C0
0.4 dB OFFSET
REF LVL
–10dBm
MARKER 1 [T1]
–18.55dBm
880.00000000MHz
RBW 30kHz
VBW 300kHz
SWT 200ms
RF ATT 10dB
MIXER –10dBm
UNIT
dBm
Figure 46. 880 MHz Output Spectrum, Three-Carrier CDMA2000 Test Model
at −23 dBm Total Input Power, VGAIN = 1.4 V, ACPR Measured at 750 kHz and
1.98 MHz Carrier Offset, Input Signal Filtered Using a Cavity Tuned Filter
(Pass Band = 4.6 MHz)
In testing, by holding the gain control voltage steady at 1.4 V,
input power was swept. Figure 47 shows ACPR and noise floor
vs. total output power. Noise floor is measured at 1 MHz
bandwidth at 4 MHz carrier offset.
–90
–0
–10
–20
–30
–40
–50
–60
–70
–80
TOTAL OUTPUT POWER (dBm)
15
–30
–25
–20
–15
–10
–5
0
5
10
–30
–50
–40
–60
–70
–80
–90
–100
–110
–120
NOISE 4MHz OFFSET
ACPR 750kHz OFFSET
ACPR 1.98MHz OFFSET
Figure 47. ACPR vs. Total Output Power, 880 MHz Three-Carrier CDMA2000
Test Model; VGAIN = 1.4 V (Fixed), ACPR Measured in 30 kHz Bandwidth at
750 kHz and 1.98 MHz Carrier Offset
The results show that up to a total output power of +8 dBm,
ACPR remains in compliance with the standard (<−45 dBc at
750 kHz and <−60 dBc at 1.98 MHz). At low output power
levels, ACPR at 1.98 MHz carrier offset degrades as the noise
floor of the ADL5330 becomes the dominant contributor to
measured ACPR. Measured noise at 4 MHz carrier offset begins
to increase sharply above 0 dBm output power. This increase is
not due to noise but results from increased carrier-induced
distortion. As output power drops below 0 dBm total, the noise
floor drops towards −85 dBm.
With a fixed input power of −23 dBm, the output power was
again swept by exercising the gain control input. VGAIN was
swept from 0 V to 1.4 V. The resulting total output power,
ACPR, and noise floor are shown in Figure 48.
–100
–30
–40
–50
–60
–70
–80
–90
VGAIN (V)
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
10
0
–10
–20
–30
–40
–50
–60
NOISE 4MHz OFFSET
ACPR 750kHz OFFSET
ACPR 1.98MHz OFFSET
OUTPUT POWER
Figure 48. Total Output Power and ACPR vs. VGAIN, 880 MHz Three-Carrier
CDMA2000 Test Model at −23 dBm Total Input Power; ACPR Measured in
30 kHz Bandwidth at 750 kHz and 1.98 MHz Carrier Offset
Above VGAIN = 0.4 V, the ACPR is still in compliance with the
standard. As the gain control input drops below 1.0 V, the noise
floor drops below −90 dBm.
SOLDERING INFORMATION
On the underside of the chip scale package, there is an exposed
compressed paddle. This paddle is internally connected to the
chip’s ground. Solder the paddle to the low impedance ground
plane on the printed circuit board to ensure specified electrical
performance and to provide thermal relief. It is also recommended
that the ground planes on all layers under the paddle be stitched
together with vias to reduce thermal impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com