Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
ADAU1977
Data Sheet
Rev. C | Page 24 of 68
Microphone Terminals Open
In the event that any of the input terminals becomes open
circuited, AINxP is pulled to MICBIAS and AINxN is pulled to
a common ground. When the AINxP terminal is at a voltage
that is higher than the short to the MICBIAS threshold (set
using Bits[5:4] of Register 0x17) and the AINxN terminal
voltage is at a voltage that is less than the short to the ground
threshold (set using Bits[3:2] of Register 0x17), a fault is
reported. The fault cannot indicate which terminal is open
circuited because any terminal that is open circuited pulls AINxP
to MICBIAS and AINxN to a common ground.
FAULT Pin
The FAULT pin is an output pin that can be programmed to be
active high or active low logic using the IRQ_POL bit (Bit 4 of
Register 0x15). In addition, the FAULT pin can be set using the
IRQ_DRIVE bit (Bit 5 of Register 0x15) to drive always or to drive
only during a fault and is otherwise set to high-Z. The fault status
is registered in the IRQ_RESET bit (Bit 6 of Register 0x15). The
IRQ_RESET bit is a latched bit and is set in the event of a fault
and cleared only after the fault status bit is read.
Fault Timeout
To prevent the false triggering of a fault event, the fault timeout
adjust bits (Bits[5:4] of Register 0x18) are provided. These bits
can be used to set the time that the fault needs to persist before
being reported. The timeout can be set to 0 ms, 50 ms, 100 ms,
or 150 ms using the FAULT_TO bits (Bits[5:4] of Register 0x18).
The default value is 100 ms. A fault is recorded only if the
condition persists for more than a set minimum timeout.
Fault Masking
The faults can be masked to prevent triggering an interrupt
on the FAULT pin. Fault masking can be set using Bits[6:0] of
Register 0x16. The mask can be set for the faults listed in Table 18.
Table 18. Fault Masking
Fault
AINxP
AINxN
Short to Battery
Yes
Yes
Short to MICBIAS
Yes
No
Short to Ground
Yes
Yes
Short Between Positive and Negative Inputs
Yes
Yes
Open Input
Yes
Yes
When a fault mask bit is set, it is applied to all the channels.
There is no individual fault mask available per channel using this
bit. To mask individual channels, use the DIAG_MASK[4:1] bits
(Bits[3:0] of Register 0x15).
Diagnostics Sequence
The sequence shown in Figure 23 is recommended for reading
the faults reported by diagnostics.
Figure 23. Diagnostics Sequence
NORMAL
FAULT EVENT
IRQ TO
SYSTEM MICRO
FAULT
TIMEOUT
IRQ TO
SYSTEM MICRO
FAULT
TIMEOUT
IRQ TO
SYSTEM MICRO
FAULT
TIMEOUT
IRQ TO
SYSTEM MICRO
FAULT
TIMEOUT
IRQ TO
SYSTEM MICRO
I2C SEQUENCE
I2C SEQUENCE
I2C SEQUENCE
I2C SEQUENCE
I2C SEQUENCE
NORMAL
FAULT
TIMEOUT
AINx+/
AINx–
FAULT
PIN
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com