Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 23 of 68
DIAGNOSTICS
The diagnostics block monitors the input pins in real time and
reports a fault as an interrupt signal on the FAULT pin (Pin 8),
which triggers sending an interrupt request to an external
controller. The diagnostics status registers (Register 0x11 through
Register 0x14) for Channel 1 through Channel 4 are also updated.
Refer to the register map table (Table 25) and the register details
tables (Table 42, Table 43, Table 44, and Table 45) for more infor-
mation about the diagnostics register content. The diagnostics
can be enabled or disabled for each channel using Bits[3:0] of
Register 0x10. The diagnostics are provided only when MICBIAS
is enabled and the microphone is connected as recommended
in the appropriate application circuit (see Figure 21).
Diagnostics Reporting
The diagnostics status is reported individually for each channel
in Register 0x11 through Register 0x14. The faults listed in
Table 13 are reported on each input pin.
Table 13. Faults Reported
Fault
AINxP
AINxN
Short to Battery
Yes
Yes
Short to MICBIAS
Yes
No
Short to Ground
Yes
Yes
Short Between Positive and Negative Inputs
Yes
Yes
Open Input
Yes
Yes
Diagnostics Adjustments
Short Circuit to Battery Supply
When an input terminal is shorted to the battery, the voltage at
the terminal approaches the battery voltage. Any voltage higher
than the set threshold is reported as a fault. The threshold can
be set using the SHT_B_TRIP bits, Bits[1:0] of Register 0x17
(see Table 14).
Table 14. Setting the Short to Battery Threshold
SHT_B_TRIP
(Register 0x17, Bits[1:0])
Short to Battery Threshold
00
0.95 × VBAT
01
0.9 × VBAT
10
0.85 × VBAT
11
0.975 × VBAT
Short Circuit to MICBIAS
This feature is supported only on the AINxP terminal. When
an AINxP terminal is shorted to MICBIAS, the voltage at the
AINxP terminal approaches the MICBIAS voltage. Any voltage
higher than the set threshold is reported as a fault. The threshold
can be set using the SHT_M_TRIP bits, Bits[5:4] of Register 0x17
(see Table 15).
Table 15. Setting the Short to MICBIAS Threshold
SHT_M_TRIP
(Register 0x17, Bits[5:4])
Short to MICBIAS Threshold
00
0.95 × MICBIAS
01
0.9 × MICBIAS
10
0.85 × MICBIAS
11
0.975 × MICBIAS
Short Circuit to Ground
When an input terminal is shorted to ground, the terminal
voltage reaches close to 0 V. Any voltage lower than the set
threshold is reported as a fault. The threshold is referenced to
VREF and, therefore, scales with the voltage at the VREF pin.
The threshold can be set using the SHT_G_TRIP bits, Bits[3:2]
of Register 0x17 (see Table 16).
Table 16.
SHT_G_TRIP
(Register 0x17, Bits[3:2])
Short to Ground Threshold
00
0.2 × VREF
01
0.133 × VREF
10
0.1 × VREF
11
0.266 × VREF
Microphone Terminal Short Circuited
When both input terminals are shorted, both the AINxP and
AINxN input terminals are at the same voltage—around
MICBIAS/2. Any voltage between the set thresholds is reported
as a fault. The upper and lower threshold voltages can be set
using the SHT_T_TRIP bits, Bits[7:6] of Register 0x17 (see
Table 17).
The following equations can be used to calculate the upper and
lower thresholds:
Upper Threshold = MICBIAS(0.5 + x)
Lower Threshold = MICBIAS(0.5 − x)
where x can be set using the SHT_T_TRIP bits, Bits[7:6] of
Register 0x17 (see Table 17).
Table 17.
SHT_T_TRIP
(Register 0x17, Bits [7:6])
x
00
0.035
01
0.017
10
0.071
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com