Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
ADAU1977
Data Sheet
Rev. C | Page 26 of 68
TDM Mode
Register 0x05 through Register 0x08 provide programmability
for the TDM mode. The TDM slot width, data width, and
channel assignment, as well as the pin used to output the data,
are programmable.
By default, serial data is output on the SDATAOUT1 pin;
however, the SDATA_SEL bit (Bit 7 of Register 0x06) can be
used to change the setting so that serial data is output from the
SDATAOUT2 pin.
The TDM mode supports 2, 4, 8, or 16 channels. The ADAU1977
outputs four channels of data in the assigned slots (Figure 29
shows the data slot assignments). During the unused slots, the
output pin goes high-Z so that the same data line can be shared
with other devices on the TDM bus.
The TDM port can be operated as either a master or a slave.
In master mode, the BCLK and LRCLK are output from the
ADAU1977, whereas in slave mode, the BCLK and LRCLK pins
are set to receive the clock from the master in the system.
Both the nonpulse and pulse modes are supported. In nonpulse
mode, the LRCLK signal is typically 50% of the duty cycle, whereas
in pulse mode, the LRCLK signal must be at least one BCLK wide
(see Figure 27 and Figure 28).
Figure 27. TDM Nonpulse Mode Audio Format
Figure 28. TDM Pulse Mode Audio Format
BCLK
LRCLK
SDATA I2S
SDATA LJ
CHANNEL 1
CHANNEL 1
CHANNEL 2
CHANNEL N
CHANNEL 2
CHANNEL N
32/24/16 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
32/24/16 BCLKs
32/24/16 BCLKs
SDATA I2S
CHANNEL 1
CHANNEL 2
CHANNEL N
24 OR 16 BCLKs
24 OR 16 BCLKs
24 OR 16 BCLKs
NOTES
1. SAI = 001 (2 CHANNELS), 010 (4 CHANNELS), 011 (8 CHANNELS), 100 (16 CHANNELS).
2. SDATA_FMT = 00 (I2S), 01 (LJ), 10 (RJ, 24-BIT), 11 (RJ, 16-BIT).
3. BCLK_EDGE = 0.
4. LRCLK_MODE = 0.
5. SLOT_WIDTH = 00 (32 BCLKs), 01 (24 BCLKs), 10 (16 BCLKs).
BCLK
LRCLK
SDATA I2S
SDATA LJ
CHANNEL 1
CHANNEL 1
CHANNEL 2
CHANNEL N
CHANNEL 2
CHANNEL N
32/24/16 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
32/24/16 BCLKs
32/24/16 BCLKs
SDATA I2S
CHANNEL 1
CHANNEL 2
CHANNEL N
24 OR 16 BCLKs
24 OR 16 BCLKs
24 OR 16 BCLKs
NOTES
1. SAI = 001 (2 CHANNELS), 010 (4 CHANNELS), 011 (8 CHANNELS), 100 (16 CHANNELS)
2. SDATA_FMT = 00 (I2S), 01 (LJ), 10 (RJ, 24-BIT), 11 (RJ, 16-BIT)
3. BCLK_EDGE = 0
4. LRCLK_MODE = 1
5. SLOT_WIDTH = 00 (32 BCLKs), 01 (24 BCLKs), 10 (16 BCLKs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com