Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 41 of 68
Bits
Bit Name
Settings
Description
Reset
Access
0
BOOST_RCVR
Boost Recovery Mode.
0x1
RW
0
Automatic Fault Recovery
1
Manual Fault Recovery; Use MRCV to Recover
BLOCK POWER CONTROL AND SERIAL PORT CONTROL REGISTER
Address: 0x04, Reset: 0x3F, Name: BLOCK_POWER_SAI
Table 30. Bit Descriptions for BLOCK_POWER_SAI
Bits
Bit Name
Settings
Description
Reset
Access
7
LR_POL
Sets LRCLK Polarity.
0x0
RW
0
LRCLK Low then High
1
LRCLK High then Low
6
BCLKEDGE
Sets the Bit Clock Edge on Which Data Changes.
0x0
RW
0
Data Changes on Falling Edge
1
Data Changes on Rising Edge
5
LDO_EN
LDO Regulator Enable.
0x1
RW
0
LDO Powered Down
1
LDO Enabled
4
VREF_EN
Voltage Reference Enable.
0x1
RW
0
Voltage Reference Powered Down
1
Voltage Reference Enabled
3
ADC_EN4
ADC Channel 3 Enable.
0x1
RW
0
ADC Channel Powered Down
1
ADC Channel Enabled
2
ADC_EN3
ADC Channel 3 Enable.
0x1
RW
0
ADC Channel Powered Down
1
ADC Channel Enabled
1
ADC_EN2
ADC Channel 2 Enable.
0x1
RW
0
ADC Channel Powered Down
1
ADC Channel Enabled
0
ADC_EN1
ADC Channel 1 Enable.
0x1
RW
0
ADC Channel Powered Down
1
ADC Channel Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com