Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
ADAU1977
Data Sheet
Rev. C | Page 38 of 68
PLL CONTROL REGISTER
Address: 0x01, Reset: 0x41, Name: PLL_CONTROL
Table 27. Bit Descriptions for PLL_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
7
PLL_LOCK
PLL Lock Status. PLL lock status bit. When one PLL is locked.
0x0
R
0
PLL Not Locked
1
PLL Locked
6
PLL_MUTE
PLL Unlock Automute. When set to 1, mutes the ADC output if PLL
becomes unlocked.
0x1
RW
0
No Automatic Mute on PLL Unlock
1
Automatic Mute with PLL Unlock
5
RESERVED
Reserved.
0x0
RW
4
CLK_S
PLL Clock Source Select. Selecting input clock source for PLL.
0x0
RW
0
MCLK Used for PLL Input
1
LRCLK Used for PLL Input; Only Supported for Sample Rates > 32 kHz
[2:0]
MCS
Master Clock Select. MCS bits determine the frequency multiplication
ratio of the PLL. It must be set based on the input MCLK frequency and
sample rate.
0x1
RW
001
256 × fS MCLK for 32 kHz up to 48 kHz (see the PLL section for other
sample rates)
010
384 × fS MCLK for 32 kHz up to 48 kHz (see the PLL section for other
sample rates)
011
512 × fS MCLK for 32 kHz up to 48 kHz (see the PLL section for other
sample rates)
100
768 × fS MCLK for 32 kHz up to 48 kHz (see the PLL section for other
sample rates)
000
128 × fS MCLK for 32 kHz up to 48 kHz (see the PLL section for other
sample rates)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com