Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
ADAU1977
Data Sheet
Rev. C | Page 64 of 68
DIGITAL DC HIGH-PASS FILTER AND CALIBRATION REGISTER
Address: 0x1A, Reset: 0x00, Name: DC_HPF_CAL
Table 51. Bit Descriptions for DC_HPF_CAL
Bits
Bit Name
Settings
Description
Reset
Access
7
DC_SUB_C4
Channel 4 DC Subtraction from Calibration.
0x0
RW
0
No DC Subtraction
1
DC Value from DC Calibration Is Subtracted
6
DC_SUB_C3
Channel 3 DC Subtraction from Calibration.
0x0
RW
0
No DC Subtraction
1
DC Value from DC Calibration Is Subtracted
5
DC_SUB_C2
Channel 2 DC Subtraction from Calibration.
0x0
RW
0
No DC Subtraction
1
DC Value from DC Calibration Is Subtracted
4
DC_SUB_C1
Channel 1 DC Subtraction from Calibration.
0x0
RW
0
No DC Subtraction
1
DC Value from DC Calibration Is Subtracted
3
DC_HPF_C4
Channel 4 DC High-Pass Filter Enable.
0x0
RW
0
HPF Off
1
HPF On
2
DC_HPF_C3
Channel 3 DC High-Pass Filter Enable.
0x0
RW
0
HPF Off
1
HPF On
1
DC_HPF_C2
Channel 2 DC High-Pass Filter Enable.
0x0
RW
0
HPF Off
1
HPF On
0
DC_HPF_C1
Channel 1 DC High-Pass Filter Enable.
0x0
RW
0
HPF Off
1
HPF On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com