Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 43 of 68
SERIAL PORT CONTROL REGISTER2
Address: 0x06, Reset: 0x00, Name: SAI_CTRL1
Table 32. Bit Descriptions for SAI_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
7
SDATA_SEL
SDATAOUTx Pin Selection in TDM4 or Greater Modes.
0x0
RW
0
SDATAOUT1 used for output
1
SDATAOUT2 used for output
[6:5]
SLOT_WIDTH
Number of BCLKs per Slot in TDM Mode.
0x0
RW
00
32 BCLKs per TDM slot
01
24 BCLKs per TDM slot
10
16 BCLKs per TDM slot
11
Reserved
4
DATA_WIDTH
Output Data Bit Width.
0x0
RW
0
24-bit data
1
16-bit data
3
LR_MODE
Sets LRCLK Mode.
0x0
RW
0
50% duty cycle clock
1
Pulse—LRCLK is a single BCLK cycle wide pulse
2
SAI_MSB
Sets Data to be Input/Output either MSB or LSB First.
0x0
RW
0
MSB first data
1
LSB first data
1
BCLKRATE
Sets the Number of Bit Clock Cycles per Data Channel Generated When in
Master Mode.
0x0
RW
0
32 BCLKs/channel
1
16 BCLKs/channel
0
SAI_MS
Sets the Serial Port into Master or Slave Mode.
0x0
RW
0
LRCLK/BCLK Slave
1
LRCLK/BCLK Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com