Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 31 of 68
I2C MODE
The ADAU1977 supports a 2-wire serial (I2C-compatible) bus
protocol. Two pins—serial data (SDA) and serial clock (SCL)—
are used to communicate with the system I2C master controller.
In I2C mode, the ADAU1977 is always a slave on the bus, meaning
that it cannot initiate a data transfer. Each slave device on the
I2C bus is recognized by a unique device address. The device
address and R/W byte for the ADAU1977 are shown in Table 21.
The address resides in the first seven bits of the I2C write. Bit 7
and Bit 6 of the I2C address for the ADAU1977 are set by the
levels on the ADDR1 and ADDR0 pins. The LSB of the first I2C
byte (the R/W bit) from the master identifies whether it is a read
or write operation. Logic Level 1 in LSB corresponds to a read
operation, and Logic Level 0 corresponds to a write operation.
Table 21. ADAU1977 I2C First Byte Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADDR1
ADDR0
1
0
0
0
1
R/W
The first seven bits of the I2C chip address for the ADAU1977
are xx10001. Bit 0 and Bit 1 of the address byte can be set using
the ADDR1 and ADDR0 pins to set the chip address to the
desired value.
The 7-bit I2C device address can be set to one of four possible
options using the ADDR1 and ADDR0 pins:
•
I2C Device Address 0010001 (0x11)
•
I2C Device Address 0110001 (0x31)
•
I2C Device Address 1010001 (0x51)
•
I2C Device Address 1110001 (0x71)
In I2C mode, both the SDA and SCL pins require that an
appropriate pull-up resistor be connected to IOVDD. The
voltage on these signal lines should not exceed the voltage on
the IOVDD pin. Figure 46 shows a typical connection diagram
for the I2C mode.
The value of the pull-up resistor for the SDA or SCL pin can be
calculated as follows.
Minimum RPULL UP = (IOVDD – VIL)/ISINK
where:
IOVDD is the I/O supply voltage, typically ranging from 1.8 V
up to 3.3 V.
VIL is the maximum voltage at Logic Level 0 (that is, 0.4 V, as
per the I2C specifications).
ISINK is the current sink capability of the I/O pin.
The SDA pin can sink 2 mA current; therefore, the minimum
value of RPULL UP for an IOVDD of 3.3 V is 1.5 kΩ.
Depending on the capacitance of the board, the speed of the bus
can be restricted to meet the rise time and fall time specifications.
For fast mode with a bit rate time of around 1 Mbps, the rise
time must be less than 550 ns. Use the following equation to
determine whether the rise time specification can be met:
t = 0.8473 × RPULL UP × CBOARD.
To meet the 300 ns rise time requirement, the CBOARD must be
less than 236 pF.
For the SCL pin, the calculations depend on the current sink
capability of the I2C master used in the system.
Addressing
Initially, each device on the I2C bus is in an idle state and monitors
the SDA and SCL lines for a start condition and the proper address.
The I2C master initiates a data transfer by establishing a start
condition, defined by a high-to-low transition on SDA while
SCL remains high. This indicates that an address/data stream
follows. All devices on the bus respond to the start condition
and acquire the next eight bits from the master (the 7-bit address
plus the R/W bit) MSB first. The master sends the 7-bit device
address with the read/write bit to all the slaves on the bus. The
device with the matching address responds by pulling the data
line (SDA) low during the ninth clock pulse. This ninth bit is
known as an acknowledge bit. All other devices withdraw from
the bus at this point and return to the idle condition.
The R/W bit determines the direction of the data. A Logic 0 on the
LSB of the first byte means that the master is to write information
to the slave, whereas a Logic 1 means that the master is to read
information from the slave after writing the address and repeating
the start address. A data transfer takes place until a master initiates
a stop condition. A stop condition occurs when SDA transitions
from low to high while SCL is held high.
Stop and start conditions can be detected at any stage during
the data transfer. If these conditions are asserted out of sequence
during normal read and write operations, the ADAU1977
immediately jumps to the idle condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com