Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
ADAU1977
Data Sheet
Rev. C | Page 60 of 68
DIAGNOSTICS INTERRUPT PIN CONTROL REGISTER 2
Address: 0x16, Reset: 0x00, Name: DIAG_IRQ2
Table 47. Bit Descriptions for DIAG_IRQ2
Bits
Bit Name
Settings
Description
Reset
Access
7
BST_FAULT_MASK
FAULT Pin Mask for Boost Faults.
0x0
RW
0
Boost Faults Assert FAULT Pin
1
Boost Faults Do Not Assert FAULT Pin
6
MIC_SHORT_MASK
FAULT Pin Mask for Mic Terminal Short Fault.
0x0
RW
0
Faults Trigger FAULT Pin
1
Faults Do Not Trigger FAULT Pin
5
MIC_OPEN_MASK
FAULT Pin Mask for Mic Open Connection Fault.
0x0
RW
0
Faults Trigger FAULT Pin
1
Faults Do Not Trigger FAULT Pin
4
MICH_SB_MASK
FAULT Pin Mask for Mic High Short to Supply Fault.
0x0
RW
0
Faults Trigger FAULT Pin
1
Faults Do Not Trigger FAULT Pin
3
MICH_SG_MASK
FAULT Pin Mask for Mic High Short to Ground Fault.
0x0
RW
0
Faults Trigger FAULT Pin
1
Faults Do Not Trigger FAULT Pin
1
MICL_SB_MASK
FAULT Pin Mask for Mic Low Short to Supply Fault.
0x0
RW
0
Faults Trigger FAULT Pin
1
Faults Do Not Trigger FAULT Pin
0
MICL_SG_MASK
FAULT Pin Mask for Mic Low Short to Ground Fault.
0x0
RW
0
Faults Trigger FAULT Pin
1
Faults Do Not Trigger FAULT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com